Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1602L Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF1602L
Description  Broadband SPDT Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1602L Datasheet(HTML) 5 Page - RF Micro Devices

  RF1602L Datasheet HTML 1Page - RF Micro Devices RF1602L Datasheet HTML 2Page - RF Micro Devices RF1602L Datasheet HTML 3Page - RF Micro Devices RF1602L Datasheet HTML 4Page - RF Micro Devices RF1602L Datasheet HTML 5Page - RF Micro Devices RF1602L Datasheet HTML 6Page - RF Micro Devices RF1602L Datasheet HTML 7Page - RF Micro Devices RF1602L Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5 of 8
RF1602
DS20130218
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Out
Top View
Control Logic
The switch is operable in 3 states. The switch is designed for two modes: active and shutdown. Assuming VBATT is always
between 2.7V and 4.6V the switch is controlled by the EN voltage. When EN is HIGH the switch is active and when EN is LOW
the switch is in standby mode.
Pin Names and Description
Pin
Function
Description
1GND
Ground.
2ANT
Single ended RF port.
3GND
Ground.
4GND
Ground.
5RF1
Single ended RF port.
6GND
Ground.
7CTRL
Switch logic control input.
8EN
Switch logic control input, shutdown for low leakage current.
9VBATT
Supply voltage from battery.
10
GND
Ground.
11
RF2
Single ended RF port.
12
GND
Ground.
13
Package Base
Ground.
State
VBATT
CTRL
EN
RF Path
1
2.7V to 4.6V
VHIGH
VHIGH
ANT-RF2
2
2.7V to 4.6V
VLOW
VHIGH
ANT-RF1
Shutdown
2.7V to 4.6V
Don’t Care
VLOW
Shutdown
12
GND
13
GND
4
GND
5
RF1
6
GND
7
CTRL
8
EN
9
VBATT
3
GND
2
ANT
1
GND
10 GND
11
RF2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com