Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1602L Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF1602L
Description  Broadband SPDT Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1602L Datasheet(HTML) 1 Page - RF Micro Devices

  RF1602L Datasheet HTML 1Page - RF Micro Devices RF1602L Datasheet HTML 2Page - RF Micro Devices RF1602L Datasheet HTML 3Page - RF Micro Devices RF1602L Datasheet HTML 4Page - RF Micro Devices RF1602L Datasheet HTML 5Page - RF Micro Devices RF1602L Datasheet HTML 6Page - RF Micro Devices RF1602L Datasheet HTML 7Page - RF Micro Devices RF1602L Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
VBATT EN CTRL
RF1602
RF1
RF2
RF1602
Broadband SPDT Switch
The RF1602 is a single-pole dual-throw (SPDT) switch designed for switching appli-
cations requiring very low insertion loss and high power handling capability coupled
with minimal DC power consumption. The excellent linearity performance achieved
by the RF1602 makes it ideal for use in SV-LTE, WCDMA, and CDMA applications.
The RF1602 offers very high isolation between RF ports providing greater separa-
tion between transmit and receive paths. The RF1602 is packaged in a very com-
pact 2mm x 2mm x 0.55mm 12-Pin QFN package.
Features
Low Frequency to 3.8GHz
Operation
Low Insertion Loss, Typ. 0.3dB at
1GHz
Very High Isolation, Typ. 42dB at
1GHz
High Linearity, IIP2 Typ. 129dBm
Direct Connection to VBATT
Compatible with Low Voltage
Logic (VHIGH Minimum = 1.3V)
No External DC Blocking
Capacitors Required on RF Paths
Unless DC is applied Externally
2kV HBM Rating on All Ports
Applications
SV-LTE, WCDMA, GSM
Post PA Switching
General Purpose Switching
Applications
DS20130218
Package: QFN, 2mm x 2mm x 0.55mm
RF1602Broad-
band SPDT
Switch
RF1602 SB
Sample Bag (5 pieces)
RF1602 SQ
25 Piece Sample Bag
RF1602 SR
100 Pieces 7” Reel
RF1602 TR7
2500 Pices 7” Reel
RF1602PCK-410
Fully Assembled Evaluation Board (including 5 loose piece samples)


Similar Part No. - RF1602L

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF1602 RFMD-RF1602 Datasheet
601Kb / 8P
Broadband SPDT Switch
More results

Similar Description - RF1602L

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0070_V5 MA-COM-MASWSS0070_V5 Datasheet
126Kb / 5P
GaAs Broadband SPDT Switch
MASW-007107 MA-COM-MASW-007107 Datasheet
157Kb / 4P
GaAs Broadband SPDT Switch
MASW-007588 MA-COM-MASW-007588 Datasheet
73Kb / 3P
GaAs Broadband SPDT Switch
MASWSS0093 MA-COM-MASWSS0093_15 Datasheet
82Kb / 3P
GaAs Broadband SPDT Switch
logo
RF Micro Devices
RF1602 RFMD-RF1602 Datasheet
601Kb / 8P
Broadband SPDT Switch
RFSW1012 RFMD-RFSW1012 Datasheet
863Kb / 13P
BROADBAND SPDT SWITCH
logo
M/A-COM Technology Solu...
MASW-007588 MA-COM-MASW-007588_15 Datasheet
550Kb / 4P
GaAs Broadband SPDT Switch
MASW-007107 MA-COM-MASW-007107_15 Datasheet
718Kb / 6P
GaAs Broadband SPDT Switch
MASWSS0202 MA-COM-MASWSS0202_15 Datasheet
664Kb / 5P
GaAs Broadband SPDT Switch
logo
California Eastern Labs
CG2163X3 CEL-CG2163X3_17 Datasheet
617Kb / 8P
Broadband SPDT RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com