Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHA1028 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFHA1028
Description  160W GaN Wide-Band Pulsed Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1028 Datasheet(HTML) 2 Page - RF Micro Devices

  RFHA1028 Datasheet HTML 1Page - RF Micro Devices RFHA1028 Datasheet HTML 2Page - RF Micro Devices RFHA1028 Datasheet HTML 3Page - RF Micro Devices RFHA1028 Datasheet HTML 4Page - RF Micro Devices RFHA1028 Datasheet HTML 5Page - RF Micro Devices RFHA1028 Datasheet HTML 6Page - RF Micro Devices RFHA1028 Datasheet HTML 7Page - RF Micro Devices RFHA1028 Datasheet HTML 8Page - RF Micro Devices RFHA1028 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS130923
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 11
RFHA1028
PRELIMINARY
Absolute Maximum Ratings
Parameter
Rating
Unit
Drain Voltage Output Stage (VD2)
150
V
Drain Voltage Input Stage (VD1)
100
V
Gate Voltage (VG)
-6 to 2
V
Operating Voltage
45
V
Ruggedness (VSWR)
10:1
Storage Temperature Range
-55 to +125
°C
Operating Temperature Range (TC)
-40 to +85
°C
Operating Junction Temperature (TJ)
250
°C
Human Body Model
Class 1A
MTTF (TJ < 200°C, 95% Confidence Limits)*
MTTF (TJ < 250°C, 95% Confidence Limits)*
3.0E + 06
1.4E + 05
Hours
Thermal Resistance, RTH (Junction to Case)
°C/W
TC =85°C, DC Bias Only**
RTH1 = 3.5, RTH2 = 1.1
TC =85°C, 1ms Pulse, 10% Duty Cycle
TBD
Caution! ESD sensitive device.
RoHS (Restriction of Hazardous
Substances): Compliant per EU Directive
2011/65/EU.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
* MTTF
– median time to failure for wear-out failure mode (30% I
DSS degradation) which is determined by the technology process reliability. Refer to
product qualification report for FIT(random) failure rate.
Operation of this device beyond any one of these limits may cause permanent damage. For reliable continuous operation, the device voltage and current
must not exceed the maximum operating values specified in the table above.
Bias Conditions should also satisfy the following expression: PDISS < (TJ – TC) / RTH J-C and TC = TCASE
** Rth1 (driver stage) and Rth2 (output stage) – estimated Rth data
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Recommended Operating
Conditions
Drain Voltage (VDSQ)
45
V
Gate Voltage (VGSQ)
-5
-3
-2
V
Drain Bias Current
350
mA
Stage 1 = 50mA, Stage 2 = 300mA
Gate Current Input Stage (IG1)
TBD
Gate Current Output Stage (IG2)
TBD
Frequency of Operation
1200
1400
MHz
DC Functional Test
VGSQ Stage 1
-3.2
V
VD = 45V, ID Stage 1 = 50mA
VGSQ Stage 2
-3.2
V
VD = 45V, ID Stage 2 = 300mA
VDS(ON) – Stage 2
0.25
V
VG = 0V, ID = 1.0A, Wafer level test



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com