Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHA1028 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFHA1028
Description  160W GaN Wide-Band Pulsed Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1028 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFHA1028 Datasheet HTML 3Page - RF Micro Devices RFHA1028 Datasheet HTML 4Page - RF Micro Devices RFHA1028 Datasheet HTML 5Page - RF Micro Devices RFHA1028 Datasheet HTML 6Page - RF Micro Devices RFHA1028 Datasheet HTML 7Page - RF Micro Devices RFHA1028 Datasheet HTML 8Page - RF Micro Devices RFHA1028 Datasheet HTML 9Page - RF Micro Devices RFHA1028 Datasheet HTML 10Page - RF Micro Devices RFHA1028 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS130923
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
9 of 11
RFHA1028
PRELIMINARY
Proposed Evaluation Board Bill of Materials
Component
Value
Manufacturer
Part Number
C3, C21
100µF
Panasonic
ECE-V1HA101UP
C2
330µF
Panasonic
EEU-FC2A331
C1
1000µF
Panasonic
ECA-2AHG102
C4, C5, C6, C24
4.7µF
Murata
GRM55ER72A475KA01L
C7, C8, C9, C22
0.1µF
Murata
GRM32NR72A104KA01L
C11
100pF
ATC
ATC800A101JT
C10, C14, C16, C25
0.1µF
Panasonic
ECJ-2VB2A104K
C19
24pF
ATC
ATC800A240JT
C18
56pF
ATC
ATC800A560JT
C12, C13, C17, C23
0.01µF
Panasonic
ECJ-2VB2A103K
C15
10µF
Panasonic
ECA-2AM100
C20
1.2pF
ATC
ATC800A1R2BT
C26
0.4pF
ATC
ATC800A0R4BT
L1
68nH
Coilcraft
1812SMS-68NJLB
R2, R3
10
Panasonic
ERJ-8GEYJ100V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com