Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHA1028 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFHA1028
Description  160W GaN Wide-Band Pulsed Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1028 Datasheet(HTML) 3 Page - RF Micro Devices

  RFHA1028 Datasheet HTML 1Page - RF Micro Devices RFHA1028 Datasheet HTML 2Page - RF Micro Devices RFHA1028 Datasheet HTML 3Page - RF Micro Devices RFHA1028 Datasheet HTML 4Page - RF Micro Devices RFHA1028 Datasheet HTML 5Page - RF Micro Devices RFHA1028 Datasheet HTML 6Page - RF Micro Devices RFHA1028 Datasheet HTML 7Page - RF Micro Devices RFHA1028 Datasheet HTML 8Page - RF Micro Devices RFHA1028 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS130923
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 11
RFHA1028
PRELIMINARY
Parameter
Specification
Unit
Condition
Min
Typ
Max
RF Functional Test
Small Signal Gain
23
dB
f = 1.2GHz, PIN = 0dBm [1, 2]
Output Power
51
52
dBm
f = 1.2GHz, PIN = 27dBm [1, 2]
Power Gain
24.5
25
dB
Drain Efficiency
38
42
%
Input Return Loss
-15
-10
dB
2nd Harmonic
-33.5
dBc
3rd Harmonic
-20.5
dBc
Small Signal Gain
25.5
dB
f = 1.3GHz, PIN = 0dBm [1, 2]
Output Power
51
52.5
dBm
f = 1.3GHz, PIN = 27dBm [1, 2]
Power Gain
25
25.6
dB
Drain Efficiency
45
50
%
Input Return Loss
-14.5
-10
dB
2nd Harmonic
-35
dBc
3rd Harmonic
-25.5
dBc
Small Signal Gain
28.5
dB
f = 1.4GHz, PIN = 0dBm [1, 2]
Output Power
51
51.7
dBm
f = 1.4GHz, PIN = 27dBm [1, 2]
Power Gain
24.5
25.2
dB
Drain Efficiency
45
52
%
Input Return Loss
-17
-10
dB
2nd Harmonic
-27.5
dBc
3rd Harmonic
-25
dBc
RF Typical Performance
Small Signal Gain
26.5
dB
PIN = 0dBm [1, 2]
Gain Variation with Temperature
0.02
dB/°C
At peak output power [1, 2]
Output Power (PSAT)
52.5
dBm
PIN = 27dBm [1, 2]
178
W
Drain Efficiency
48.0
%
At peak output power [1, 2]
Power Gain
25
dB
Efficiency
50
%
Input Return Loss
-15
dB
[1] Test Conditions: PW = 1ms,DC = 10%, VDSQ = 45V, IDQ1 = 50mA, IDQ2 = 300mA, T = 25ºC.
[2] Performance in a standard tuned test fixture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com