Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGA5263Z Datasheet(PDF) 2 Page - RF Micro Devices

Part # SGA5263Z
Description  DC to 4500MHz, Silicon Germanium Cascadable Gain Block
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA5263Z Datasheet(HTML) 2 Page - RF Micro Devices

  SGA5263Z Datasheet HTML 1Page - RF Micro Devices SGA5263Z Datasheet HTML 2Page - RF Micro Devices SGA5263Z Datasheet HTML 3Page - RF Micro Devices SGA5263Z Datasheet HTML 4Page - RF Micro Devices SGA5263Z Datasheet HTML 5Page - RF Micro Devices SGA5263Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2 of 6
DS121011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA5263Z
Absolute Maximum Ratings
Parameter
Rating
Unit
Max Device Current (ID)
120
mA
Max Device Voltage (VD)6
V
Max RF Input Power
+16
dBm
Max Junction Temp (TJ)+150
°C
Operating Temp Range (TL)
-40 to +85
°C
Max Storage Temp
+150
°C
Operation of this device beyond any one of these limits may cause permanent dam-
age. For reliable continuous operation, the device voltage and current must not
exceed the maximum operating values specified in the table on page one.
Bias Conditions should also satisfy the following expression:
IDVD < (TJ - TL)/RTH, j - l
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Gain
13.6
dB
100MHz
13.5
dB
500MHz
13.3
dB
850MHz
12.6
dB
1950MHz
12.3
dB
2400MHz
11.8
dB
3500MHz
Output IIP3
33.6
dBm
100MHz, Tone spacing = 1MHz,
POUT per tone = -10dBm
33.0
dBm
500MHz, Tone spacing = 1MHz,
POUT per tone = -10dBm
32.5
dBm
850MHz, Tone spacing = 1MHz,
POUT per tone = -10dBm
29.3
dBm
1950MHz, Tone spacing = 1MHz,
POUT per tone = -10dBm
27.3
dBm
2400MHz, Tone spacing = 1MHz,
POUT per tone = -10dBm
23.1
dBm
3500MHz, Tone spacing = 1MHz,
POUT per tone = -10dBm
Output P1dB
16.1
dBm
100MHz
16.4
dBm
500MHz
16.3
dBm
850MHz
15.0
dBm
1950MHz
14.0
dBm
2400MHz
11.6
dBm
3500MHz
Input Return Loss
26.0
dB
100MHz
23.5
dB
500MHz
21.4
dB
850MHz
20.2
dB
1950MHz
23.0
dB
2400MHz
24.6
dB
3500MHz
Reverse Isolation
17.7
dB
100MHz
18.0
dB
500MHz
18.3
dB
850MHz
19.2
dB
1950MHz
19.5
dB
2400MHz
19.6
dB
3500MHz
Noise Figure
3.9
dB
100MHz, ZS = 50
3.9
dB
500MHz, ZS = 50
4.0
dB
850MHz, ZS = 50
4.0
dB
1950MHz, ZS = 50
Test Conditions: Z0 = 50, ID = 60mA, T = 25°C
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com