Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGA5263Z Datasheet(PDF) 1 Page - RF Micro Devices

Part # SGA5263Z
Description  DC to 4500MHz, Silicon Germanium Cascadable Gain Block
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA5263Z Datasheet(HTML) 1 Page - RF Micro Devices

  SGA5263Z Datasheet HTML 1Page - RF Micro Devices SGA5263Z Datasheet HTML 2Page - RF Micro Devices SGA5263Z Datasheet HTML 3Page - RF Micro Devices SGA5263Z Datasheet HTML 4Page - RF Micro Devices SGA5263Z Datasheet HTML 5Page - RF Micro Devices SGA5263Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
1 of 6
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
SGA5263Z
DC to 4500MHz, Silicon Germanium
Cascadable Gain Block
The SGA5263Z is a high performance SiGe HBT MMIC Amplifier. A Darling-
ton configuration featuring one-micron emitters provides high FT and
excellent thermal performance. The heterojunction increases breakdown
voltage and minimizes leakage current between junctions. Cancellation of
emitter junction non-linearities results in higher suppression of intermodu-
lation products. Only two DC-blocking capacitors, a bias resistor, and an
optional RF choke are required for operation.
0
5
10
15
0.1
1
1.9
2.8
3.7
4.6
5.5
25C
-40C
85C
Small Signal Gain vs. Frequency
Frequency GHz
DC to 4500MHz Operation
Single Voltage Supply
Low Current Draw: 60mA at
3.4V Typ.
High Output Intercept:
29dBm Typ. at 1950MHz
Applications
Oscillator Amplifiers
Broadband Gain Block
IF/RF Buffer Amplifiers
DS121011
Package: SOT-363
SGA5263ZDC
to 4500MHz,
Silicon Germa-
nium Cascad-
able Gain
Block
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Small Signal Gain
12.0
13.3
14.6
dB
850MHz
12.6
dB
1950MHz
12.3
dB
2400MHz
Output Power at 1dB Compression
16.3
dBm
850MHz
15.0
dBm
1950MHz
14.0
dBm
2400MHz
Third Order Intercept Point
32.5
dBm
850MHz, POUT per tone = -10dBm
29.3
dBm
1950MHz, POUT per tone = -10dBm
27.3
dBm
2400MHz, POUT per tone = -10dBm
S11, S22
4500
MHz
Minimum 10dB Return Loss (typ.)
Input VSWR
1.2:1
1950MHz
Output VSWR
1.4:1
1950MHz
Reverse Isolation
18.3
dB
850MHz
19.2
dB
1950MHz
19.5
dB
2400MHz
Noise Figure
4.0
dB
1950MHz
Device Operating Voltage
3.4
V
Device Operating Current
54
60
66
mA
Thermal Resistance
(Junction - Lead)
255
°C/W
Test Conditions: Z0 = 50, ID = 60mA, T = 25°C


Similar Part No. - SGA5263Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA5286Z RFMD-SGA5286Z Datasheet
289Kb / 7P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA5286ZPCK1 RFMD-SGA5286ZPCK1 Datasheet
289Kb / 7P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA5286ZSQ RFMD-SGA5286ZSQ Datasheet
289Kb / 7P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA5286ZSR RFMD-SGA5286ZSR Datasheet
289Kb / 7P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA5289Z RFMD-SGA5289Z Datasheet
459Kb / 6P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
More results

Similar Description - SGA5263Z

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SGA-0163 STANFORD-SGA-0163 Datasheet
258Kb / 5P
DC-4500MHZ SILICON GERMANIUM CASCADEABLE GAIN BLOCK
logo
SIRENZA MICRODEVICES
SGC-2386Z SIRENZA-SGC-2386Z Datasheet
266Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-4363Z SIRENZA-SGC-4363Z Datasheet
308Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-4386Z SIRENZA-SGC-4386Z Datasheet
266Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
logo
RF Micro Devices
SGA0163Z RFMD-SGA0163Z Datasheet
324Kb / 6P
DC to 4500MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGA0363Z RFMD-SGA0363Z Datasheet
322Kb / 6P
DC to 5000MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGA1263Z RFMD-SGA1263Z Datasheet
563Kb / 6P
DCto4000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
SGA7489Z RFMD-SGA7489Z Datasheet
486Kb / 6P
DC to 3000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
SGC4486Z RFMD-SGC4486Z Datasheet
282Kb / 6P
50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC6389Z RFMD-SGC6389Z Datasheet
599Kb / 6P
ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com