Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGA5263Z Datasheet(PDF) 4 Page - RF Micro Devices

Part # SGA5263Z
Description  DC to 4500MHz, Silicon Germanium Cascadable Gain Block
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA5263Z Datasheet(HTML) 4 Page - RF Micro Devices

  SGA5263Z Datasheet HTML 1Page - RF Micro Devices SGA5263Z Datasheet HTML 2Page - RF Micro Devices SGA5263Z Datasheet HTML 3Page - RF Micro Devices SGA5263Z Datasheet HTML 4Page - RF Micro Devices SGA5263Z Datasheet HTML 5Page - RF Micro Devices SGA5263Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 of 6
DS121011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA5263Z
SOT-363 PCB Pad Layout
Package Drawing
Dimensions in inches (millimeters)
Refer to drawing posted at www.rfmd.com for tolerances.
Pin Names and Descriptions
Pin
Name
Description
1, 2,
4, 5
GND
Connection to ground. For best performance use via holes as close to ground leads as possible to reduce lead induc-
tance.
3RF IN
RF input pin. This pin requires the use of an external DC blocking capacitor chosen for the frequency of operation.
6RF OUT
RF output and bias pin. Bias should be supplied to this pin through an external series resistor and RF choke inductor.
Because DC biasing is present on this pin, a DC-blocking capacitor should be used in most applications. (See application
schematic.) The supply side of this bias network should be well bypassed.
Dimensions in inches [millimeters]
RF
OUT
RF
I N
Notes:
1. Provide a large ground pad area under device
pins 1, 2, 4, & 5 with many plated via holes as
shown.
2. Dimensions given for 50 Ohm RF I/O lines are for
31 mil thick Getek. Scale accordingly for different
board thicknesses and dielectric contants.
3. We recommend 1 or 2 ounce copper. Measure-
ments for this data sheet were made on a 31 mil
thick Getek with 1 ounce copper on both sides.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com