Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA2172 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFPA2172
Description  0dB to 28dB Variable Gain
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2172 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFPA2172 Datasheet HTML 2Page - RF Micro Devices RFPA2172 Datasheet HTML 3Page - RF Micro Devices RFPA2172 Datasheet HTML 4Page - RF Micro Devices RFPA2172 Datasheet HTML 5Page - RF Micro Devices RFPA2172 Datasheet HTML 6Page - RF Micro Devices RFPA2172 Datasheet HTML 7Page - RF Micro Devices RFPA2172 Datasheet HTML 8Page - RF Micro Devices RFPA2172 Datasheet HTML 9Page - RF Micro Devices RFPA2172 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Revision DS20150609
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
10 of 10
RFPA2172
RFMD + TriQuint = Qorvo
Pin Names and Descriptions
Pin
Name
Description
Interface Schematic
1
GND
Ground connection. For best performance, keep traces
physically short and connect immediately to the ground plane.
2
GND
Ground connection for the driver stage. For best performance,
keep traces physically short and connect immediately to the
ground plane.
3
RF IN
RF input. This is a 50Ω input. No external matching is
needed. An external DC blocking capacitor is required if this
port is connected to a DC path to ground or a DC voltage.
See pin 15
4
GND
See pin 1.
5
GND
See pin 1.
6
VPD
Power down pin. When this pin is OV, the device will be in
power down mode, dissipating minimum DC power. This pin
also serves as the VCC supply pin for the bias circuitry. VPD
should be at the supply voltage when the part is not in power
down mode.
7
APC
Analog power control. Output power varies as a function of the
voltage on this pin. See graph. This pin must be driven
through a series resistor with a voltage between OV and VCC.
Series resistor determines dynamic range of power control.
See plot “POUT versus Gain Control versus Gain Control
Resistor”.
APC
Bias
Network
RF IN
1st
Stage
8
GND
See pin 1.
9
GND
See pin 1.
10
GND
See pin 1.
11
RF OUT
RF output. An external matching network is required to
provide the optimum load impedance at this pin.
See pin 15
12
RF OUT
RF output and power supply for the output stage. Bias voltage
for the output stage is provided through this pin. A shunt cap
resonating with the bond wire inductance at 2xf0 can also be
used at this pin to provide a second harmonic trap.
See pin 15
13
GND
See pin 1.
14
GND
See pin 1.
15
VCC
Power supply for driver stage and interstage matching. This
pin forms the shunt inductance needed for proper tuning of
the interstage. Refer to the application schematic for the
proper configuration. Note: Position and value of the
components are important.
GND
External Cap
VCC
Inductor
Bond
Wire
Pin 15
RF OUT
1st Stage
2nd Stage
RF IN
RF OUT
16
GND
See pin 1.
Pkg Base
GND
Ground connection for the output stage. This pad should be
connected to the groundplane by vias directly under the
device. A short path is required to obtain optimum
performance, as well as provide a good thermal path to the
PCB for maximum heat dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com