Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA2172 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPA2172
Description  0dB to 28dB Variable Gain
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2172 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPA2172 Datasheet HTML 1Page - RF Micro Devices RFPA2172 Datasheet HTML 2Page - RF Micro Devices RFPA2172 Datasheet HTML 3Page - RF Micro Devices RFPA2172 Datasheet HTML 4Page - RF Micro Devices RFPA2172 Datasheet HTML 5Page - RF Micro Devices RFPA2172 Datasheet HTML 6Page - RF Micro Devices RFPA2172 Datasheet HTML 7Page - RF Micro Devices RFPA2172 Datasheet HTML 8Page - RF Micro Devices RFPA2172 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Revision DS20150609
1 of 10
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
1 of 10
RFMD + TriQuint = Qorvo
RFPA2172
ISM Band 3.6V, 250mW AMP with
Analog Gain Control
The RFPA2172 is a medium-power high efficiency amplifier IC targeting
3.6 V handheld systems. The device is manufactured on an advanced
Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and
has been designed for use as the final RF amplifier in 2.45 GHz
Bluetooth applications and frequency hopping/direct sequence spread-
spectrum cordless telephones or other applications in the 902 MHz to
928 MHz ISM band. The device is packaged in a compact 4 mm x 4 mm
QFN. The device features analog gain control to optimize transmit
power while maximizing battery life in portable equipment requiring up to
100 mW transmit power at the antenna port.
2
3
4
1
13
15
16
14
5
9
7
6
8
12
11
10
Bias
GND
GND
GND
RF OUT
RF OUT
RF IN
Functional Block Diagram
Ordering Information
RFPA2172
Standard 25 piece bag
RFPA2172SR
Standard 100 piece reel
RFPA2172TR13
Standard 2500 piece reel
RFPA2172TR13-5K
Standard 5000 piece reel
RFPA2172PCK-410
Fully assembled evaluation board tuned for
902MHz to 928MHz with 5 piece bag
RFPA2172PCK-411
Fully assembled evaluation board tuned for
2.4GHz to 2.5GHz with 5 piece bag
Package: QFN, 16-pin,
4.0mm x 4.0mm
Features
■ 23.5dBm Typical Output Power
■ 0dB to 28dB Variable Gain
■ 45% Efficiency at Max Output
■ On-Board Power Down Mode
■ 2.4GHz to 2.5GHz Operation
■ 902MHz to 928MHz Operation
Applications
■ Bluetooth™ PA
■ 2.4GHz to 2.5GHz ISM Band
Systems
■ 902MHz to 928MHz ISM Band
Systems
■ 3.6V Spread-Spectrum Cordless
Phones
■ Portable Battery-Powered
Equipment
■ Spread-Spectrum Systems
RFPA2172


Similar Part No. - RFPA2172

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPA2172 QORVO-RFPA2172 Datasheet
462Kb / 12P
ISM Band 3.6V, 250mW AMP with Analog Gain Control
RFPA2172PCK-410 QORVO-RFPA2172PCK-410 Datasheet
462Kb / 12P
ISM Band 3.6V, 250mW AMP with Analog Gain Control
RFPA2172PCK-411 QORVO-RFPA2172PCK-411 Datasheet
462Kb / 12P
ISM Band 3.6V, 250mW AMP with Analog Gain Control
RFPA2172SR QORVO-RFPA2172SR Datasheet
462Kb / 12P
ISM Band 3.6V, 250mW AMP with Analog Gain Control
RFPA2172TR13 QORVO-RFPA2172TR13 Datasheet
462Kb / 12P
ISM Band 3.6V, 250mW AMP with Analog Gain Control
More results

Similar Description - RFPA2172

ManufacturerPart #DatasheetDescription
logo
RFHIC
2AM0405S RFHIC-2AM0405S Datasheet
890Kb / 9P
Variable Gain Amplifier
logo
Hittite Microwave Corpo...
HMC996LP4E HITTITE-HMC996LP4E_12 Datasheet
550Kb / 8P
VARIABLE GAIN AMPLIFIER
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
VARIABLE GAIN AMPLIFIER
logo
Cooper Bussmann, Inc.
HMC6187LP4E COOPER-HMC6187LP4E Datasheet
1Mb / 8P
VARIABLE GAIN AMPLIFIER
logo
List of Unclassifed Man...
MA204ALB002 ETC2-MA204ALB002 Datasheet
3Mb / 25P
GPS/GLONASS - High gain LNA up to 28dB
logo
Analog Devices
AD8330 AD-AD8330_16 Datasheet
1Mb / 32P
Variable Gain Amplifier
5/2016-Rev. G to Rev. H
HMC996LP4E AD-HMC996LP4E Datasheet
479Kb / 8P
VARIABLE GAIN AMPLIFIER
HMC997LC4 AD-HMC997LC4 Datasheet
453Kb / 8P
VARIABLE GAIN AMPLIFIER
HMC6187LP4E AD-HMC6187LP4E Datasheet
1,008Kb / 8P
VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
OM7922 NXP-OM7922 Datasheet
104Kb / 2P
Variable gain amplifier
5/21/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com