Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA2172 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFPA2172
Description  0dB to 28dB Variable Gain
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2172 Datasheet(HTML) 2 Page - RF Micro Devices

  RFPA2172 Datasheet HTML 1Page - RF Micro Devices RFPA2172 Datasheet HTML 2Page - RF Micro Devices RFPA2172 Datasheet HTML 3Page - RF Micro Devices RFPA2172 Datasheet HTML 4Page - RF Micro Devices RFPA2172 Datasheet HTML 5Page - RF Micro Devices RFPA2172 Datasheet HTML 6Page - RF Micro Devices RFPA2172 Datasheet HTML 7Page - RF Micro Devices RFPA2172 Datasheet HTML 8Page - RF Micro Devices RFPA2172 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Revision DS20150609
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
2 of 10
RFPA2172
RFMD + TriQuint = Qorvo
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF off)
-0.5 to +6.0
VDC
APC Current (Maximum)
+10
mA
Control Voltage (VPD)
-0.5 to +6.0
VDC
Input RF Power
+10
dBm
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-55 to +155
°C
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of antimony
trioxide in polymeric materials and red
phosphorus as a flame retardant, and
<2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Overall
T= 25°C, VCC= 3.6V, VPD= 3.6V, VAPC= 3.0V
Usable Frequency Range
400 to 2500
MHz
Input Impedance
50
Ω
Input VSWR
1.8:1
Without Input Match
Output Load VSWR
<10:1
0≤V
APC
≤3.0V
<6:1
0≤V
APC
≤3.6V
2.45GHz Operation
Freq= 2.4GHz to 2.5GHz, PIN= 0dBm
Operating Frequency
2.4 to 2.5
GHz
Maximum Output Power
22
+23.5
24.5
dBm
Total Efficiency
45
%
Reverse Isolation
-45
dB
Second Harmonic
-38
-34
dBc
Third Harmonic
-45
-40
dBc
All Other Spurious
-50
dBc
Gain Control Voltage
0 to VCC
V
High Gain
23.5
dB
VAPC= 3.6V, VCC= 3.6V, PIN= 0dBm
Low Gain
-9
dB
VAPC= 0V, VCC= 3.6V, PIN= 0dBm
900MHz Operation
Freq= 902MHz to 928MHz, PIN= 3.0dBm
Operating Frequency
902 to 928
MHz
Maximum Output Power
+26
dBm
Total Efficiency
58
%
Reverse Isolation
-35
dB
Second Harmonic
-40
dBc
Third Harmonic
-40
dBc
All Other Spurious
-50
dBc
Gain Control Voltage
0 to VCC
V
Gain Control Slope
20
dB/V
Gain
0 to 28
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com