Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTC4591AMC Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXTC4591AMC
Description  COMPLEMENTARY 40V HIGH PERFORMANCE TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTC4591AMC Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXTC4591AMC_15 Datasheet HTML 1Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 2Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 3Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 4Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 5Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 6Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 7Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 8Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ZXTC4591AMC
Document number: DS31925 Rev. 4 - 2
5 of 9
www.diodes.com
October 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTC4591AMC
NPN - Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
1m
10m
100m
1
10m
100m
1
01
2
3
0.0
0.2
0.4
0.6
0.8
1m
10m
100m
1
0
200
400
600
800
1000
1200
1m
10m
100m
1
0.4
0.6
0.8
1.0
1.2
1m
10m
100m
1
0.2
0.4
0.6
0.8
1.0
1.2
I
C
/I
B
=50
I
C
/I
B
=100
V
CE(SAT)
v I
C
Tamb=25°C
I
C
/I
B
=20
I
C
/I
B
=10
I
C
Collector Current (A)
150°C
V
BE(SAT)
v I
C
I
C
/I
B
=10
100°C
25°C
-55°C
I
C
Collector Current (A)
150°C
h
FE
v I
C
V
CE
=5V
-55°C
25°C
100°C
I
C
Collector Current (A)
150°C
25°C
V
CE(SAT)
v I
C
I
C
/I
B
=10
100°C
-55°C
I
C
Collector Current (A)
150°C
V
BE(ON)
v I
C
V
CE
=5V
100°C
25°C
-55°C
I
C
Collector Current (A)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com