Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTC4591AMC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTC4591AMC
Description  COMPLEMENTARY 40V HIGH PERFORMANCE TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTC4591AMC Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTC4591AMC_15 Datasheet HTML 1Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 2Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 3Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 4Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 5Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 6Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 7Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 8Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ZXTC4591AMC
Document number: DS31925 Rev. 4 - 2
2 of 9
www.diodes.com
October 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTC4591AMC
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Parameter
Symbol
NPN
PNP
Unit
Collector-Base Voltage
VCBO
40
-40
V
Collector-Emitter Voltage
VCEO
40
-40
Emitter-Base Voltage
VEBO
7
-7
Peak Pulse Current
ICM
3
-3
A
Continuous Collector Current
(Notes 6 & 9)
IC
2
-1.5
(Notes 7 & 9)
2.5
-2
Base Current
IB
300
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
NPN
PNP
Unit
Power Dissipation
Linear Derating Factor
(Notes 6 & 9)
PD
1.5
12
W
mW/
°C
(Notes 7 & 9)
2.45
19.6
(Notes 8 & 9)
1.13
8
(Notes 8 & 10)
1.7
13.6
Thermal Resistance, Junction to Ambient
(Notes 6 & 9)
RθJA
83.3
°C/W
(Notes 7 & 9)
51.0
(Notes 8 & 9)
111
(Notes 8 & 10)
73.5
Thermal Resistance, Junction to Lead
(Notes 9 & 11)
RθJL
17.1
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
6. For a dual device surface mounted on 28mm x 28mm (8cm
2) FR4 PCB with high coverage of single sided 2 oz copper, in still air conditions; the device is
measured when operating in a steady-state condition. The heatsink is split in half with the exposed collector pads connected to each half.
7. Same as note (6), except the device is measured at t <5 sec.
8. Same as note (6), except the device is surface mounted on 31mm x 31mm (10cm
2) FR4 PCB with high coverage of single sided 1oz copper.
9. For a dual device with one active die.
10. For dual device with 2 active die running at equal power.
11. Thermal resistance from junction to solder-point (on the exposed collector pad).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com