Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTC4591AMC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTC4591AMC
Description  COMPLEMENTARY 40V HIGH PERFORMANCE TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTC4591AMC Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTC4591AMC_15 Datasheet HTML 1Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 2Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 3Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 4Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 5Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 6Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 7Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 8Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ZXTC4591AMC
Document number: DS31925 Rev. 4 - 2
1 of 9
www.diodes.com
October 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTC4591AMC
COMPLEMENTARY 40V HIGH PERFORMANCE TRANSISTOR
Features
NPN Transistor
•
BVCEO > 40V
•
IC = 3A Continuous Collector Current
•
Low Saturation Voltage (500mV max @ 1A)
•
RSAT = 195mΩ for a low equivalent On-Resistance
PNP Transistor
•
BVCEO > -40V
•
IC = -3A Continuous Collector Current
•
Low Saturation Voltage (-500mV max @ -1A)
•
RSAT = 350mΩ for a low equivalent On-Resistance
•
hFE characterized up to 2A for high current gain hold up
•
Low profile 0.8mm high package for thin applications
•
RθJA efficient, 40% lower than SOT26
•
6mm
2 footprint, 50% smaller than TSOP6 and SOT26
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
•
PPAP capable (Note 4)
Mechanical Data
•
Case: W-DFN3020-8 Type B
•
Nominal package height: 0.8mm
•
Case material: molded plastic. “Green” molding compound.
•
UL Flammability Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish - NiPdAu, Solderable per MIL-STD-202,
Method 208
•
Weight: 0.013 grams (approximate)
Applications
•
DC – DC Converters
•
Charging circuits
•
Power switches
•
LED Backlighting circuits
•
Motor control
•
Portable applications
Ordering Information (Note 5)
Product
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXTC4591AMCTA
AEC-Q101
91A
7
8
3,000
ZXTC4591AMCQTA
Automotive
91A
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen and Antimony free,"Green" and Lead-Free.
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified.
5. For packaging details, go to our website at http://www.diodes.com
Marking Information
Equivalent Circuit
Top View
Bottom View
W-DFN3020-8
Type B
NPN Transistor
PNP Transistor
91A = Product type marking code
Top view, dot denotes pin 1
C2
E2
B2
C1
E1
B1
C2
C2
C1
C1
E2
B2
E1
B1
C1
C2
Pin 1
Bottom View
Pin Out
91A
e4


Similar Part No. - ZXTC4591AMC_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTC4591AMCTA DIODES-ZXTC4591AMCTA Datasheet
210Kb / 9P
COMPLEMENTARY DUAL 40V HIGH PERFORMANCE TRANSISTOR
Rev 2
More results

Similar Description - ZXTC4591AMC_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTD4591AM832 ZETEX-ZXTD4591AM832 Datasheet
348Kb / 8P
COMPLEMENTARY DUAL 40V HIGH PERFORMANCE TRANSISTOR
logo
Diodes Incorporated
ZXTC4591AMC DIODES-ZXTC4591AMC Datasheet
210Kb / 9P
COMPLEMENTARY DUAL 40V HIGH PERFORMANCE TRANSISTOR
Rev 2
logo
Alpha & Omega Semicondu...
AO4618 AOSMD-AO4618 Datasheet
1Mb / 9P
40V Complementary MOSFET
logo
Diodes Incorporated
FMMT591ATC DIODES-FMMT591ATC Datasheet
342Kb / 7P
40V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
Rev 5
ZXTD4591AM832 DIODES-ZXTD4591AM832 Datasheet
842Kb / 10P
MPPS??Miniature Package Power Solutions Complementary dual 40V high performance transistor
APRIL 2008
FMMT591A DIODES-FMMT591A_15 Datasheet
342Kb / 7P
40V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
Rev 5
ZXTC2063E6 DIODES-ZXTC2063E6_15 Datasheet
474Kb / 9P
40V COMPLEMENTARY MEDIUM POWER TRANSISTOR IN SOT26
Rev 4
DST3946DPJ DIODES-DST3946DPJ_16 Datasheet
428Kb / 9P
40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
Rev 3
MMDT2227Q DIODES-MMDT2227Q Datasheet
458Kb / 6P
40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com