Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGL0263Z Datasheet(PDF) 3 Page - RF Micro Devices

Part # SGL0263Z
Description  1400MHz to 2500MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGL0263Z Datasheet(HTML) 3 Page - RF Micro Devices

  SGL0263Z Datasheet HTML 1Page - RF Micro Devices SGL0263Z Datasheet HTML 2Page - RF Micro Devices SGL0263Z Datasheet HTML 3Page - RF Micro Devices SGL0263Z Datasheet HTML 4Page - RF Micro Devices SGL0263Z Datasheet HTML 5Page - RF Micro Devices SGL0263Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 of 6
DS111011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGL0263Z
0
4
8
12
16
20
1 3 0 0
15 00
170 0
1 900
21 00
2 3 0 0
25 00
F re q uenc y ( M H z )
|S
11| vs. Frequency
|S
21| vs. Frequency
|S
12| vs. Frequency
|S
22| vs. Frequency
-3 0
-2 6
-2 2
-1 8
-1 4
-1 0
1 3 0 0
1 5 0 0
1 70 0
1 90 0
2 10 0
2 30 0
2 50 0
F requ enc y ( M H z)
-3 0
-2 5
-2 0
-1 5
-1 0
-5
0
130 0
1 500
1700
1900
2100
230 0
2 500
F req ue ncy ( M H z )
-3 0
-2 5
-2 0
-1 5
-1 0
-5
0
1300
1500
1 700
1900
2100
2300
2500
F r eq uen c y ( M H z )
|S
11| vs. Frequency
|S
21| vs. Frequency
|S
12| vs. Frequency
|S
22| vs. Frequency
0
4
8
12
16
20
1 3 0 0
15 00
170 0
1 900
21 00
2 3 0 0
25 00
F re quenc y ( M H z )
-3 0
-2 6
-2 2
-1 8
-1 4
-1 0
130 0
15 00
1 7 00
1 9 0 0
210 0
2 3 0 0
2 5 0 0
F r equenc y ( M H z )
-3 0
-2 5
-2 0
-1 5
-1 0
-5
0
130 0
1 500
1700
1900
2100
230 0
2 500
F req ue ncy ( M H z )
-3 0
-2 5
-2 0
-1 5
-1 0
-5
0
1300
1500
1 700
1900
2100
2300
2500
F r eq uen c y ( M H z )
Typical RF Performance at V
S = 3 V -- 1400-2500 MHz Evaluation Board -- TLEAD=+25°C
Typical RF Performance at V
S = 4 V -- 1400-2500 MHz Evaluation Board -- TLEAD=+25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com