Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGL0263Z Datasheet(PDF) 4 Page - RF Micro Devices

Part # SGL0263Z
Description  1400MHz to 2500MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGL0263Z Datasheet(HTML) 4 Page - RF Micro Devices

  SGL0263Z Datasheet HTML 1Page - RF Micro Devices SGL0263Z Datasheet HTML 2Page - RF Micro Devices SGL0263Z Datasheet HTML 3Page - RF Micro Devices SGL0263Z Datasheet HTML 4Page - RF Micro Devices SGL0263Z Datasheet HTML 5Page - RF Micro Devices SGL0263Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 of 6
DS111011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGL0263Z
Suggested Pad Layout
Package Drawing
Dimensions in inches (millimeters)
Refer to drawing posted at www.rfmd.com for tolerances.
Pin
Function
Description
1N/C
No electrical connection. Provide an isolated (ungrounded) solder pad for mounting integrity.
3RF IN
RF input pin. This pin requires the use of an external DC-blocking capacitor chosen for the frequency of operation.
4DC BIAS
Voltage supply connection. Bypass with suitable capacitors.
2, 5
GND
Connection to ground. Provide via holes as close to ground leads as possible to reduce ground inductance and achieve
optimum RF performance.
6RF OUT/BIAS RF output and voltage supply. DC voltage is present on this pin, therefore a DC-blocking capacitor is necessary for proper
operation.
0.026
0.075
0.016
0.035
Notes:
1. Provide a ground pad area under device pins 2 & 5
with plated via holes to the PCB ground plane.
2. We recommend 1 or 2 ounce copper. Measure-
ments for this data sheet were made on a 31 mil
thick Getek with 1 ounce copper on both sides.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com