Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGL0263Z Datasheet(PDF) 1 Page - RF Micro Devices

Part # SGL0263Z
Description  1400MHz to 2500MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGL0263Z Datasheet(HTML) 1 Page - RF Micro Devices

  SGL0263Z Datasheet HTML 1Page - RF Micro Devices SGL0263Z Datasheet HTML 2Page - RF Micro Devices SGL0263Z Datasheet HTML 3Page - RF Micro Devices SGL0263Z Datasheet HTML 4Page - RF Micro Devices SGL0263Z Datasheet HTML 5Page - RF Micro Devices SGL0263Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
1 of 6
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
InP HBT
SGL0263Z
1400MHz to 2500MHz SILICON GERMANIUM
CASCADABLE LOW NOISE AMPLIFIER
The SGL0263Z is a high performance SiGe HBT MMIC low noise amplifier
featuring 1 micron emitters with FT up to 50GHz. This device has an inter-
nal temperature compensation circuit permitting operation directly from
supply voltages as low as 2.5V. The SGL0263Z has been characterized at
VD=3V for low power and 4V for medium power applications. Only two DC-
blocking capacitors, 2 input matching components, a bias resistor, and an
optional RF choke are required for operation from 1400MHz to 2500MHz.
RF In
RF Out / V
S
V
S
Temperature
Compensation
Circuit
High Input/Output Intercept
Low Noise Figure: 1.3dB typ.
at 1900MHz
Low Power Consumption
Single Voltage Supply Opera-
tion
Internal Temperature Com-
pensation
Applications
Receivers, GPS, RFID
Cellular, Fixed Wireless, Land
Mobile
DS111011
Package: SOT-363
SGL0263Z
1400MHz to
2500MHz Sili-
con Germa-
nium
Cascadable
Low Noise
Amplifier
Parameter
Specification (VS=3V)
Specification (VS=4V)
Unit
Condition
Min.
Typ.
Max.
Min.
Typ.
Max.
Small Signal Gain
12.1
13.4
14.7
13.8
dB
1900MHz
12.5
12.9
dB
2100MHz
10.8
11.3
dB
2400MHz
Output Power at 1dB Compres-
sion
3.5
5.5
11.4
dBm
1900MHz
6.8
12.3
dBm
2100MHz
7.9
12.8
dBm
2400MHz
Input Third Order Intercept
Point
Tone Spacing=1MHz, POUT per
tone=-13dBm
7.5
9.5
15.1
dBm
1900MHz
13.5
16.8
dBm
2100MHz
15.5
18.4
dBm
2400MHz
Noise Figure
1.3
1.7
1.9
dB
1900MHz, ZS=50
1.5
2.1
dB
2100MHz, ZS=50
2.0
2.8
dB
2400MHz, ZS=50
Input Return Loss
10.0
13.3
21.9
dB
1900MHz
Output Return Loss
10.0
12.9
17.4
dB
1900MHz
Reverse Isolation
20.7
21.0
dB
1900MHz
Device Current
9.0
12.5
15.0
23.0
mA
Thermal Resistance (Junction
to Lead)
255
°C/W
Test Conditions: 1400MHz to 2500MHz Application Circuit, TLEAD=25°C, Z0=ZL=50


Similar Part No. - SGL0263Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGL0163Z RFMD-SGL0163Z Datasheet
708Kb / 9P
100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0163ZPCK1 RFMD-SGL0163ZPCK1 Datasheet
708Kb / 9P
100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0163ZSQ RFMD-SGL0163ZSQ Datasheet
708Kb / 9P
100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0163ZSR RFMD-SGL0163ZSR Datasheet
708Kb / 9P
100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0363Z RFMD-SGL0363Z Datasheet
828Kb / 11P
5MHz to 2000MHz LOW NOISE AMPLIFIER SILICON GERMANIUM
More results

Similar Description - SGL0263Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGL-0263 SIRENZA-SGL-0263 Datasheet
185Kb / 5P
1400 - 2500 MHz Silicon Germanium Cascadable Low Noise Amplifier
SGL-0163 SIRENZA-SGL-0163 Datasheet
200Kb / 7P
100 - 1300 MHz Silicon Germanium Cascadable Low Noise Amplifier
logo
Infineon Technologies A...
BGA615L7 INFINEON-BGA615L7 Datasheet
351Kb / 13P
Silicon Germanium GPS Low Noise Amplifier
Rev.1.3, Feb. 2007
logo
RF Micro Devices
SGL0163Z RFMD-SGL0163Z Datasheet
708Kb / 9P
100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0363Z RFMD-SGL0363Z Datasheet
828Kb / 11P
5MHz to 2000MHz LOW NOISE AMPLIFIER SILICON GERMANIUM
logo
Infineon Technologies A...
BGA524N6 INFINEON-BGA524N6 Datasheet
1Mb / 16P
Silicon Germanium Low Noise Amplifier
Revision 3.0, 2014-01-24
BGA825L6S INFINEON-BGA825L6S Datasheet
806Kb / 16P
Silicon Germanium Low Noise Amplifier
Revision 2.1, 2012-10-17
BGA824N6 INFINEON-BGA824N6 Datasheet
1Mb / 16P
Silicon Germanium Low Noise Amplifier
Revision 3.0, 2013-06-24
BGA725L6 INFINEON-BGA725L6 Datasheet
1Mb / 16P
Silicon Germanium Low Noise Amplifier
Revision 2.0, 2012-03-09
BGA715N7 INFINEON-BGA715N7 Datasheet
1Mb / 15P
Silicon Germanium Low Noise Amplifier
Revision 1.0, 2013-01-29
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com