Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPF5189Z Datasheet(PDF) 11 Page - RF Micro Devices

Part # SPF5189Z
Description  Broadband Internal Matching
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPF5189Z Datasheet(HTML) 11 Page - RF Micro Devices

Back Button SPF5189Z Datasheet HTML 3Page - RF Micro Devices SPF5189Z Datasheet HTML 4Page - RF Micro Devices SPF5189Z Datasheet HTML 5Page - RF Micro Devices SPF5189Z Datasheet HTML 6Page - RF Micro Devices SPF5189Z Datasheet HTML 7Page - RF Micro Devices SPF5189Z Datasheet HTML 8Page - RF Micro Devices SPF5189Z Datasheet HTML 9Page - RF Micro Devices SPF5189Z Datasheet HTML 10Page - RF Micro Devices SPF5189Z Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11 of 11
DS110606
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SPF5189Z
Ordering Information
Part Number
Description
SPF5189Z
7" Reel with 1000 pieces
SPF5189ZSQ
Sample Bag with 25 pieces
SPF5189ZSR
7" Reel with 100 pieces
SPF5189ZPCK1
800MHz to 1000MHz PCBA with 5-piece Sample Bag
SPF5189ZPCK2
1700MHz to 2200MHz PCBA with 5-piece Sample Bag



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com