Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPF5189Z Datasheet(PDF) 1 Page - RF Micro Devices

Part # SPF5189Z
Description  Broadband Internal Matching
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPF5189Z Datasheet(HTML) 1 Page - RF Micro Devices

  SPF5189Z Datasheet HTML 1Page - RF Micro Devices SPF5189Z Datasheet HTML 2Page - RF Micro Devices SPF5189Z Datasheet HTML 3Page - RF Micro Devices SPF5189Z Datasheet HTML 4Page - RF Micro Devices SPF5189Z Datasheet HTML 5Page - RF Micro Devices SPF5189Z Datasheet HTML 6Page - RF Micro Devices SPF5189Z Datasheet HTML 7Page - RF Micro Devices SPF5189Z Datasheet HTML 8Page - RF Micro Devices SPF5189Z Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
1 of 11
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
InP HBT
LDMOS
RF MEMS
SPF5189Z
50MHz to 4000MHz, GaAs pHEMT LOW NOISE
MMIC AMPLIFIER
The SPF5189Z is a high performance pHEMT MMIC LNA designed for
operation from 50MHz to 4000MHz. The on-chip active bias network pro-
vides stable current over temperature and process threshold voltage vari-
ations. The SPF5189Z offers ultra-low noise figure and high linearity
performance in a gain block configuration. Its single-supply operation and
integrated matching networks make implementation remarkably simple. A
high maximum input power specification make it ideal for high dynamic
range receivers.
Ultra-Low Noise Figure=0.60dB
at 900MHz
Gain=18.7dB at 900MHz
High Linearity: OIP3=39.5dBm
at 1960MHz
P1dB=22.7dBm at 1960MHz
Single-Supply Operation: 5V at
IDQ=90mA
Flexible Biasing Options: 3V to
5V, Adjustable Current
Broadband Internal Matching
Applications
Cellular, PCS, W-CDMA, ISM,
WiMAX Receivers
PA Driver Amplifier
Low Noise, High Linearity Gain
Block Applications
DS110606
SPF5189Z
50MHz to
4000MHz,
GaAs pHEMT
Low Noise
MMIC Ampli-
fier
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Small Signal Gain
18.7
dB
0.9GHz
11.3
12.8
14.3
dB
1.96GHz
Output Power at 1dB Compression
22.4
dBm
0.9GHz
20.7
22.7
dBm
1.96GHz
Output Third Order Intercept Point
38.5
dBm
0.9GHz
36.0
39.5
dBm
1.96GHz
Noise Figure
0.55
dB
0.9GHz
0.8
1.1
dB
1.96GHz
Input Return Loss
17.5
dB
0.9 GHz
14.5
18.5
dB
1.96GHz
Output Return Loss
16.0
dB
0.9GHz
11.0
15.0
dB
1.96GHz
Reverse Isolation
24.0
dB
0.9GHz
18.0
dB
1.96GHz
Device Operating Voltage
5
5.25
V
Device Operating Current
75
90
105
mA
Quiescent
Thermal Resistance
65
°C/W
Junction to lead
Test Conditions: VD=5V, IDQ=90mA, TL=25°C, OIP3 Tone Spacing=1MHz, POUT per tone=0dBm
ZS=ZL=50, 25°C, Application Circuit Data


Similar Part No. - SPF5189Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPF5103 SANKEN-SPF5103 Datasheet
127Kb / 1P
Compact type power surface mount package
SPF5104 SANKEN-SPF5104 Datasheet
117Kb / 1P
Adopt bootstrap circuit system
logo
RF Micro Devices
SPF5122Z RFMD-SPF5122Z Datasheet
814Kb / 12P
50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF5122ZPCK1 RFMD-SPF5122ZPCK1 Datasheet
814Kb / 12P
50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF5122ZSQ RFMD-SPF5122ZSQ Datasheet
814Kb / 12P
50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
More results

Similar Description - SPF5189Z

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ALMP-5075+ MINI-ALMP-5075+ Datasheet
214Kb / 1P
Matching Pad
BMP-5075+ MINI-BMP-5075+ Datasheet
134Kb / 1P
Matching Pad
logo
Infineon Technologies A...
PXFC192207SH INFINEON-PXFC192207SH Datasheet
1Mb / 8P
Broadband internal input and output matching
logo
Rosenberger Hochfrequen...
51S171-K00N4 ROSENBERGER-51S171-K00N4 Datasheet
191Kb / 2P
MATCHING ATTENUATOR
05S1P5-K2AS3 ROSENBERGER-05S1P5-K2AS3 Datasheet
563Kb / 2P
Matching Attenuator
logo
API Technologies Corp
TEW4087 APITECH-TEW4087 Datasheet
393Kb / 1P
Matching Transformer
logo
Mini-Circuits
Z7550-BFNF MINI-Z7550-BFNF Datasheet
284Kb / 2P
Matching Transformer
Z7550-FFSF MINI-Z7550-FFSF Datasheet
324Kb / 2P
Matching Transformer
UNMP-5075-33R MINI-UNMP-5075-33R Datasheet
284Kb / 3P
Matching Pad
Z7550-BMBF MINI-Z7550-BMBF Datasheet
379Kb / 2P
Matching Transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com