Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPF5189Z Datasheet(PDF) 3 Page - RF Micro Devices

Part # SPF5189Z
Description  Broadband Internal Matching
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPF5189Z Datasheet(HTML) 3 Page - RF Micro Devices

  SPF5189Z Datasheet HTML 1Page - RF Micro Devices SPF5189Z Datasheet HTML 2Page - RF Micro Devices SPF5189Z Datasheet HTML 3Page - RF Micro Devices SPF5189Z Datasheet HTML 4Page - RF Micro Devices SPF5189Z Datasheet HTML 5Page - RF Micro Devices SPF5189Z Datasheet HTML 6Page - RF Micro Devices SPF5189Z Datasheet HTML 7Page - RF Micro Devices SPF5189Z Datasheet HTML 8Page - RF Micro Devices SPF5189Z Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3 of 11
DS110606
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SPF5189Z
Typical RF Performance - 900MHz Application Circuit with VD=5V, ID=90mA
Noise Figure versus Frequency
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.80 0.82 0.84 0.86 0.88 0.90 0.92 0.94 0.96 0.98 1.00
Frequency (GHz)
+25°C
+85°C
OIP3 versus Frequency (0dBm tones)
26
30
34
38
42
46
0.80
0.82
0.84
0.86
0.88
0.90
0.92
0.94
0.96
0.98
1.00
Frequency (GHz)
+25°C
-40°C
+85°C
OIP3 versus Power (850MHz, 1MHz spacing)
26
30
34
38
42
46
02
4
6
8
10
12
14
Power Out Per Tone (dBm)
+25°C
-40°C
+85°C
POUT versus Pin at 850MHz
14
15
16
17
18
19
20
21
22
23
24
-4
-2
02
46
8
10
Power in (dBm)
60
65
70
75
80
85
90
95
100
105
110
Pout_25C
Pout_-40C
Pout_85C
Bias_25C
Bias_-40C
Bias_85C
P1dB versus Frequency
16
18
20
22
24
26
0.80
0.82
0.84
0.86
0.88
0.90
0.92
0.94
0.96
0.98
1.00
Frequency (GHz)
+25°C
-40°C
+85°C
Device Current versus Voltage
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VD (V)
25°C
-40°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com