Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC10 Datasheet(PDF) 1 Page - Picker Components

Part # PC10
Description  50 Amp Latching PCB Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC10 Datasheet(HTML) 1 Page - Picker Components

  PC10 Datasheet HTML 1Page - Picker Components PC10 Datasheet HTML 2Page - Picker Components PC10 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
PCTxL Rev A 7/30/14
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
50 Amp Latching PCB Relay
PRELIMINARY
PC10
FEATURES
 Energy Saving Latching Operation
 50 Amp Switching Capacity
 5,000 Watt Lamp Load
 5 HP Motor Load
 Max Inrush Current 500 Amp / 2 msec
 4kV Dielectric Between Contacts and Coil
 Single or Dual Coil Latching
 Manual Topside Switch
 39.0 x 25.0 x 15.0mm Package Dimensions,
Narrowest in the Industry
 Lead Free and RoHS Compliant
UL/CSA Ratings at 25C (Pending)
CONTACT DATA
E93379
PC10
Voltage
1 Form A
Load Type
(SPST-NO)
Resistive 6,000 Cycles
277 VAC
50 A
Incandescent Lamp 3,000 Cycles
240 VAC
5,000 W
Incandescent Lamp 3,000 Cycles
277 VAC
16 A
Electronic Ballast 6,000 Cycles
280 VAC
16 A
Motor Load 3,000 Cycles
277 VAC
5 HP
Material
AgSnO2
Service Life
Initial Contact Resistance
≤ 20mΩ initial
Electrical
See Contact Data
Maximum Switching Voltage
440VAC
Mechanical
1 x 10⁶ Operations
Maximum Switching Current
50 A
Maximum Switching Power
12,500 VA
COIL DATA—Dual Coil on Next Page
Single Coil
Resistance
(Ohms ± 10%)
Must Operate
Pulse
Coil
Operate
Reset
Coil Voltage
Voltage Max
Magnitude
Power
Time
Time
Rated
Maximum
(VDC)
(msec)
(Watts)
(msec)
(msec)
6
7
24
4.8
≥ 50
1.5
≤ 15
≤ 15
9
10.6
54
7.2
12
14.4
96
9.6
24
28.8
384
19.2
48
56
1,536
38.4


Similar Part No. - PC10

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
PC10 MAXWELL-PC10 Datasheet
874Kb / 4P
PC SERIES ULTRACAPACITORS
PC10 MAXWELL-PC10 Datasheet
1Mb / 5P
PC SERIES ULTRACAPACITORS
logo
Total Power Internation...
PC10 TOTAL-POWER-PC10 Datasheet
129Kb / 2P
NEW PC 104 POWER SUPPLY
logo
Superworld Electronics
PC10-1000 SUPERWORLD-PC10-1000 Datasheet
110Kb / 1P
POWER TRANSFORMER
PC10-120 SUPERWORLD-PC10-120 Datasheet
110Kb / 1P
POWER TRANSFORMER
More results

Similar Description - PC10

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ2501 AZETTLER-AZ2501 Datasheet
167Kb / 3P
50 AMP LATCHING POWER RELAY
logo
ZETTLER Electronics
AZ2501P1 ZETTLER-AZ2501P1 Datasheet
74Kb / 3P
50 AMP LATCHING POWER RELAY
logo
Picker Components
PC12 PICKER-PC12 Datasheet
549Kb / 2P
80 Amp PCB Latching Relay
PC10L-50 PICKER-PC10L-50 Datasheet
459Kb / 2P
50 Amp Latching PCB Relay
PC10L-60 PICKER-PC10L-60 Datasheet
458Kb / 2P
60 Amp Latching PCB Relay
PC10L-80 PICKER-PC10L-80 Datasheet
457Kb / 2P
80 Amp PCB Latching Relay
PC25L-200 PICKER-PC25L-200 Datasheet
426Kb / 2P
200 Amp Latching PCB Relay
PCT90EL PICKER-PCT90EL Datasheet
544Kb / 3P
30, 40 or 50 Amp Latching PCB Relay
PC9L-60 PICKER-PC9L-60 Datasheet
1Mb / 3P
60 Amp Latching PCB Relay
PCT90CL PICKER-PCT90CL_17 Datasheet
611Kb / 3P
30, 40 or 50 Amp Latching PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com