Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC10 Datasheet(PDF) 2 Page - Picker Components

Part # PC10
Description  50 Amp Latching PCB Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC10 Datasheet(HTML) 2 Page - Picker Components

  PC10 Datasheet HTML 1Page - Picker Components PC10 Datasheet HTML 2Page - Picker Components PC10 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
PCTxL Rev A 7/30/14
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCT90xL
PCT90xL
CHARACTERISTICS
ORDERING INFORMATION
Operate Time
≤ 15 msec
Release Time
≤ 15 msec
Insulation Resistance
1,000 MΩ min @ 500VDC
Dielectric Strength
Between Contact and Coil
50 Hz 4.000V 1 minute
Between Contacts
50 Hz 1,500V 1 minute
Creepage Distance
8 mm
Shock Resistance
Functional
98 m/s² 11 msec
Survival
980 m/s² 11 msec
Vibration Resistance
10-55 Hz Double Amplitude 1.5mm
Terminal Strength
10 N
Solderability
235⁰C ± 2⁰C 3 sec ± 0.5 sec
Operating Temperature
-40⁰C to +70⁰C
Storage Temperature
-40⁰C to +125⁰C
Relative Humidity
85% at 40⁰C
Weight
32 grams
Example:
PC10L
-1A
-12
D
-X
Model: PC10L
Contact Form: 1A
Coil Voltage: 3, 9, 12, 24, 48
Enclosure: Nil: Dust Cover
Coil:
Nil: Single Coil 1.5W, D: Double Coil 2x3.0 W
Polarity: Nil: Standard, R: Reverse Polarity
RoHS Compliant: -X
Dual Coil
Resistance
(Ohms ± 10%)
Must Operate
Pulse
Coil
Operate
Reset
Coil Voltage
Voltage Max
Magnitude
Power
Time
Time
Rated
Maximum
(VDC)
(msec)
(Watts)
(msec)
(msec)
6
7
12 + 12
4.8
≥ 50
2 x 3.0
≤ 15
≤ 15
9
10.6
27 + 27
7.2
12
14.4
48 + 48
9.6
24
28.8
192 + 192
19.2
48
56
768 + 768
38.4
COIL DATA—Continued



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com