Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC10 Datasheet(PDF) 3 Page - Picker Components

Part # PC10
Description  50 Amp Latching PCB Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC10 Datasheet(HTML) 3 Page - Picker Components

  PC10 Datasheet HTML 1Page - Picker Components PC10 Datasheet HTML 2Page - Picker Components PC10 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
PCTxL Rev A 7/30/14
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCT90xL
PCT90xL
DIMENSIONS (mm / inches)
SCHEMATIC
PIN LAYOUT (mm / inches)
NOTES:
With the Dual Coil Version, the Latch and Reset Coils should not be pulsed at the same time for it is possible to set the relay into
a magnetically neutral position. Coils should not be pulsed with less than the rated coil voltage and the pulse width should be a
minimum of three times the specified operate time. If not, it is possible for the relay to settle in a magnetically neutral position.
Must Operate Voltage is listed for test purposes only and is not to be used as design criteria.
1A
1A Reverse
1A Dual
1A Dual Reverse



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com