Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-337 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SW-337
Description  GaAs SPDT Terminated Switch DC - 2.5 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SW-337 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SW-337 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW-337 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GaAs SPDT Terminated Switch
DC - 2.5 GHz
SW-337, SW-338, SW-339
V2.00
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
Electrical Specifications, T
A = ±25°C
Features
Very Low Power Consumption: 75 µW
Low Insertion Loss: 0.5 dB
High Isolation: 33 dB up to 2 GHz (SW-337, SW-338)
28 dB up to 2 GHz (SW-339)
Very High Intercept Point: 46 dBm IP
3
Nanosecond Switching Speed
Temperature Range: -40°C to +85°C
Low Cost SOIC8 Plastic Package
Tape and Reel Packaging Available1
Description
M/A-COM’s SW-337, SW-338 and SW-339 are GaAs MMIC
SPDT terminated switches in a low cost SOIC 8-lead
surface mount plastic package. They are ideally suited for
use where very low power consumption is required.
Typical applications include transmit/receive switching,
switch matrices, and filter banks in systems such as: radio
and cellular equipment, PCM, GPS, fiber optic modules,
and other battery powered radio equipment. The difference
between the switches is in the pin configuration.
The SW-337, SW-338 and SW-339 are fabricated with
monolithic GaAs MMICs using a mature 1-micron process.
The process features full chip passivation for increased
performance and reliability.
SO-8
0°-8°
.0075-0.0098
(0.19-0.25)
.1890-.1968
(4.80-5.00)
.0099-0.0196
x 45° Chamfer
(0.25-0.50)
.2284-.2440
(5.80-6.20)
PIN 8
Orientation
mark
PIN 1
.1497-.1574
(3.80-4.00)
- B -
- A -
.050(1.27) BSC.
.013-.020 TYP.
(0.33-0.51)
.0040-.0098
(0.10-0.25)
- C -
.0532-.0688
(1.35-1.75)
.016-.050
(0.40-1.27)
.010(0.25) M B M
.010(0.25) M C A M B S
.004 (0.10)
Part Number
Package
SW-337 PIN
SOIC 8 Lead
SW-337 TR
Forward Tape & Reel
SW-337 RTR
Reverse Tape & Reel
SW-338 PIN
SOIC 8 Lead
SW-338 TR
Forward Tape & Reel
SW-338 RTR
Reverse Tape & Reel
SW-339 PIN
SOIC 8 Lead
SW-339 TR
Forward Tape & Reel
SW-339 RTR
Reverse Tape & Reel
Ordering Information
SW-337, SW-338
SW-339
Parameter
Test Conditions2
Unit
Min.
Typ.
Max
Min.
Typ.
Max.
Insertion Loss
DC – 0.1 GHz
dB
0.4
0.6
0.4
0.6
DC – 0.5 GHz
dB
0.5
0.7
0.5
0.7
DC – 1.0 GHz
dB
0.5
0.7
0.5
0.7
DC – 2.0 GHz
dB
0.7
0.9
0.7
0.9
Isolation
DC – 0.1 GHz
dB
50
53
50
53
DC – 0.5 GHz
dB
43
46
43
46
DC – 1.0 GHz
dB
36
39
35
38
DC – 2.0 GHz
dB
30
33
25
28
VSWR
On
DC – 2.0 GHz
1.2:1
1.2:1
Off
DC – 2.0 GHz
1.2:1
1.2:1
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
7
7
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
nS
10
10
Transients
In Band
mV
25
25
One dB
Input Power
0.05 GHz
dBm
25
25
Compression Point
Input Power
0.5 – 2.0 GHz
dBm
30
30
2nd Order
Measured Relative
0.05 GHz
dBm
60
60
Intercept
to Input Power
0.5 – 2.0 GHz
dBm
65
65
(for two-tone input power up to +5 dBm)
3rd Order
Measured Relative
0.05 GHz
dBm
40
40
Intercept
to Input Power
0.5 – 2.0 GHz
dBm
46
46
(for two-tone input power up to +5 dBm)
1. Refer to "Tape and Reel Packaging" Section, or contact factory.
2. All measurements with 0, -5 control voltages at 1 GHz in a 50
Ω
system, unless otherwise specified.
q
q
q
q
q
q
q
q
8-Lead SOP outline dimensions
Narrow body .150
(All dimensions per JEDEC No. MS-012-AA, Issue C)
Dimensions in ( ) are in mm.
Unless otherwise noted: .xxx = ±0.010 (.xx = ±0.25)
.xx = ±0.02 (.x = ±0.5)


Similar Part No. - SW-337

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-337 MA-COM-SW-337 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
More results

Similar Description - SW-337

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0180 MACOM-MASWSS0180 Datasheet
177Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338 MACOM-SW-338 Datasheet
172Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS332 HW-HWS332 Datasheet
101Kb / 2P
GaAs DC-2.5 GHz SPDT Terminated Switch
HWS429 HW-HWS429 Datasheet
88Kb / 3P
GaAs DC-3 GHz SPDT Terminated Switch
HWS434 HW-HWS434 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Terminated Switch
HWS2352 HW-HWS2352 Datasheet
107Kb / 2P
GaAs DC-2.0 GHz SPDT Terminated Switch
logo
M/A-COM Technology Solu...
MASWSS0180 MA-COM-MASWSS0180 Datasheet
105Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338 MA-COM-SW-338 Datasheet
108Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
MASWSS0180 MA-COM-MASWSS0180 Datasheet
105Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Tyco Electronics
MASWSS0180TR-3000 MACOM-MASWSS0180TR-3000 Datasheet
106Kb / 4P
GaAs SPDT Terminated Switch DC - 2.5 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com