Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-461 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-461
Description  4x6 RF Switch Matrix 800 - 900 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-461 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-461 Datasheet HTML 1Page - Tyco Electronics SW-461 Datasheet HTML 2Page - Tyco Electronics SW-461 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V2.00
50
55
60
65
70
75
80
85
90
0.8
0.810.820.830.84
0.850.860.870.880.89
0.9
FREQUENCY (MHz)
20
25
30
35
40
0.8
0.81
0.820.830.840.850.860.870.880.89
0.9
FREQUENCY (MHz)
Typical Performance Curves
Parameter
Absolute Maximum
Maximum Voltage
-5V, 5V
Maximum Current
-10 mA, 20 mA
Maximum Disspated Power
150 mW
Total Maximum Input Power
36 dBm
Storage Temperature
-65°C to +150°C
Operating Temperature
0° to 65°C
Absolute Maximum Ratings
1
1.
Exceeding any one or a combination of these limits may cause
permanent damage.
Power Divider Isolation
Output to Output Isolation
Selected
A
B
Input
0
0
1
1
0
2
0
1
3
1
1
4
Outputn Control Pair
3
Truth Table
1,2
1. “0” = 0±0.2V
2. “1” = 5±0.2V
3. n = SP4T 1 through 6
SP4T
3
SP4T
2
SP4T
1
SP4T
4
SP4T
5
SP4T
6
OUT 4
OUT 3
OUT 2
OUT 1
OUT 5
OUT 6
IN 4
IN 3
IN 2
IN 1
Switch Control Pairs
2A 2B
3A 3B
4A 4B 5A 5B 6A 6B
+5V
GND
-5V
SP4T
SP4T
SP4T
SP4T
SP4T
SP4T
1A 1B
Functional Schematic
V 2.0
North America: Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com