Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-461 Datasheet(PDF) 3 Page - Tyco Electronics

Part # SW-461
Description  4x6 RF Switch Matrix 800 - 900 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-461 Datasheet(HTML) 3 Page - Tyco Electronics

  SW-461 Datasheet HTML 1Page - Tyco Electronics SW-461 Datasheet HTML 2Page - Tyco Electronics SW-461 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
V2.00
50
60
70
80
90
100
0.8
0.810.820.83
0.84
0.850.86
0.870.880.89
0.9
FREQUENCY (MHz)
10
10.2
10.4
10.6
10.8
11
11.2
11.4
11.6
11.8
12
0.8
0.81
0.82
0.83
0.84
0.85
0.86
0.87
0.88
0.89
0.9
FREQUENCY (MHz)
0
2
4
6
8
10
12
14
16
18
20
0.8
0.81
0.82
0.83
0.84
0.85
0.86
0.87
0.88
0.89
0.9
FREQUENCY (MHz)
14.5
14.6
14.7
14.8
14.9
15
15.1
15.2
15.3
15.4
15.5
0.8
0.810.820.83
0.840.850.86
0.870.880.89
0.9
FREQUENCY (MHz)
-70
-60
-50
-40
-30
-20
0.80
0.81
0.82
0.83
0.84
0.85
0.86
0.87
0.88
0.89
0.90
FREQUENCY (MHz)
Typical Performance Curves (Cont’d)
Input Return Loss vs. Frequency
Insertion Loss vs. Frequency
Adjacent Input Isolation
On/Off Switch Isolation
Output Return Loss vs. Frequency
North America: Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 2.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com