Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-461 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-461
Description  4x6 RF Switch Matrix 800 - 900 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-461 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-461 Datasheet HTML 1Page - Tyco Electronics SW-461 Datasheet HTML 2Page - Tyco Electronics SW-461 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
V2.00
Features
• High Isolation: 40 dB
• Low Current draw: < 2mA @ +5 V
< 10mA @ -5V
• 5V CMOS Logic
• 45mm PBGA Package
• JEDEC MO-151 Foot Print
PBGA Package Outline
Electrical Specifications: TA = +25°C
1, Control Voltage = +5.0V====
4x6 RF Switch Matrix
4x6 RF Switch Matrix
4x6 RF Switch Matrix
4x6 RF Switch Matrix
800
800
800
800 ---- 900 MHz
900 MHz
900 MHz
900 MHz
SW-461
Description
M/A-COM’s SW-461 is a multi-chip module containing six
SP4T GaAs switches, each with a
driver/decoder and four
GaAs 6-way power dividers. The SW-461 utilizes Plastic Ball
Grid Array (PBGA) interconnect technology to achieve high
circuit density and superior high frequency performance. This
device is ideal for telephony applications in the AMPS
frequency bands.
The SW-461 is constructed with a multi layer PCB using a ball
grid array for the I/O connects.
The combination of several
state-of-the-art technologies achieves high performance at a low
cost.
Ordering Information
Part Number
Package
SW-461
45mm PBGA Package
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
800 - 900 MHz
dB
-11.5
-12
VSWR
800 - 900 MHz
1.5:1
1.9:1
Isolation
800 - 900 MHz
dB
42
57
Balance
800 - 900 MHz
dB
0.7
1.2
P1dB
800 - 900 MHz
dBm
33
1.
All measurements in a 50
Ω system.
North America: Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 2.0


Similar Part No. - SW-461

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW-410 ETC2-SW-410 Datasheet
341Kb / 3P
PRINTED CIRCUIT TRANSFORMERS
SW-410 ETC1-SW-410 Datasheet
35Kb / 2P
Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
SW-412 ETC2-SW-412 Datasheet
341Kb / 3P
PRINTED CIRCUIT TRANSFORMERS
SW-412 ETC1-SW-412 Datasheet
35Kb / 2P
Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
SW-4120 ETC1-SW-4120 Datasheet
35Kb / 2P
Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
More results

Similar Description - SW-461

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1414-12 STMICROELECTRONICS-SD1414-12 Datasheet
50Kb / 6P
RF & MICROWAVE TRANSISTORS 800-900 MHz APPLICATIONS
Dec-1999
SD1414 STMICROELECTRONICS-SD1414 Datasheet
62Kb / 5P
RF & MICROWAVE TRANSISTORS 800-900 MHz APPLICATIONS
Mar-1993
SD1420 STMICROELECTRONICS-SD1420 Datasheet
50Kb / 3P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
06-Sep-1994
SD1424 STMICROELECTRONICS-SD1424 Datasheet
49Kb / 5P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
07-Oct-1993
SD1660 STMICROELECTRONICS-SD1660 Datasheet
75Kb / 7P
RF & MICROWAVE TRANSISTORS 800/900 MHz APPLICATIONS
Nov-1992
SD1680 STMICROELECTRONICS-SD1680 Datasheet
98Kb / 7P
RF & MICROWAVE TRANSISTORS 800/900 MHz APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS1455 ADPOW-MS1455 Datasheet
132Kb / 4P
RF & MICROWAVE TRANSISTORS 800 - 900 MHz APPLICATIONS
MS1452 ADPOW-MS1452 Datasheet
141Kb / 4P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
MS1453 ADPOW-MS1453 Datasheet
87Kb / 3P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASESTATION APPLICATIONS
MS1536 ADPOW-MS1536 Datasheet
121Kb / 4P
RF & MICROWAVE TRANSISTORS 800 / 900 MHz APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com