Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6097 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SC6097
Description  Bipolar Transistor 60V, 3A, Low VCE(sat), NPN Single TP/TP-FA
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC6097 Datasheet(HTML) 1 Page - ON Semiconductor

  2SC6097 Datasheet HTML 1Page - ON Semiconductor 2SC6097 Datasheet HTML 2Page - ON Semiconductor 2SC6097 Datasheet HTML 3Page - ON Semiconductor 2SC6097 Datasheet HTML 4Page - ON Semiconductor 2SC6097 Datasheet HTML 5Page - ON Semiconductor 2SC6097 Datasheet HTML 6Page - ON Semiconductor 2SC6097 Datasheet HTML 7Page - ON Semiconductor 2SC6097 Datasheet HTML 8Page - ON Semiconductor 2SC6097 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
80812 TKIM/70306/53006EA MSIM TB-00002348 No. A0412-1/9
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
2SC6097
Bipolar Transistor
60V, 3A, Low VCE(sat), NPN Single TP/TP-FA
Applications
•
DC / DC converter, relay drivers, lamp drivers, motor drivers, inverter
Features
•
Adoption of FBET, MBIT process
•
Large current capacity
•
Low collector-to-emitter saturation voltage
•
High-speed switching
•
High allowable power dissipation
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
100
V
Collector-to-Emitter Voltage
VCES
100
V
Collector-to-Emitter Voltage
VCEO
60
V
Emitter-to-Base Voltage
VEBO
6.5
V
Collector Current
IC
3A
Collector Current (Pulse)
ICP
5A
Base Current
IB
600
mA
Continued on next page.
Package Dimensions unit : mm (typ)
Package Dimensions unit : mm (typ)
7518-003
7003-003
Ordering number : ENA0412A
Product & Package Information
• Package : TP
• Package : TP-FA
• JEITA, JEDEC : SC-64, TO-251
• JEITA, JEDEC : SC-63, TO-252
• Minimum Packing Quantity : 500 pcs./bag
• Minimum Packing Quantity : 700 pcs./reel
Marking
Packing Type (TP-FA) : TL
Electrical Connection
(TP, TP-FA)
TL
6.5
5.0
2.3
0.5
12
4
3
0.85
0.7
1.2
0.6
0.5
2.3 2.3
1 : Base
2 : Collector
3 : Emitter
4 : Collector
TP
6.5
5.0
2.3
0.5
12
4
3
0.85
0.6
0.5
1.2
2.3 2.3
0 to 0.2
1 : Base
2 : Collector
3 : Emitter
4 : Collector
TP-FA
C6097
LOT No.
2,4
3
1
2SC6097-E
2SC6097-TL-E


Similar Part No. - 2SC6097

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC6097 SANYO-2SC6097 Datasheet
46Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
logo
Inchange Semiconductor ...
2SC6097 ISC-2SC6097 Datasheet
294Kb / 2P
Silicon NPN Power Transistor
2SC6097 ISC-2SC6097 Datasheet
286Kb / 2P
Silicon NPN Power Transistor
2SC6097-251 ISC-2SC6097-251 Datasheet
294Kb / 2P
Silicon NPN Power Transistor
2SC6097-252 ISC-2SC6097-252 Datasheet
286Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC6097

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC6099-TL-E ONSEMI-2SC6099-TL-E Datasheet
402Kb / 9P
Bipolar Transistor 100V, 2A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SA2040 ONSEMI-2SA2040 Datasheet
436Kb / 10P
Bipolar Transistor (-)50V, (-)8A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2126 ONSEMI-2SA2126 Datasheet
382Kb / 9P
Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SA2169 ONSEMI-2SA2169 Datasheet
426Kb / 10P
Bipolar Transistor (-)50V, (-)10A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1202 ONSEMI-2SB1202 Datasheet
100Kb / 7P
Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
September, 2013
2SB1203 ONSEMI-2SB1203_13 Datasheet
389Kb / 10P
Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1215 ONSEMI-2SB1215 Datasheet
106Kb / 7P
Bipolar Transistor (-)100V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
November, 2013
2SC4134 ONSEMI-2SC4134 Datasheet
401Kb / 9P
Bipolar Transistor 100V, 1A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SC6098 ONSEMI-2SC6098 Datasheet
409Kb / 9P
Bipolar Transistor 80V, 2.5A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SD1805 ONSEMI-2SD1805 Datasheet
405Kb / 9P
Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com