Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6097 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SC6097
Description  Bipolar Transistor 60V, 3A, Low VCE(sat), NPN Single TP/TP-FA
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC6097 Datasheet(HTML) 2 Page - ON Semiconductor

  2SC6097 Datasheet HTML 1Page - ON Semiconductor 2SC6097 Datasheet HTML 2Page - ON Semiconductor 2SC6097 Datasheet HTML 3Page - ON Semiconductor 2SC6097 Datasheet HTML 4Page - ON Semiconductor 2SC6097 Datasheet HTML 5Page - ON Semiconductor 2SC6097 Datasheet HTML 6Page - ON Semiconductor 2SC6097 Datasheet HTML 7Page - ON Semiconductor 2SC6097 Datasheet HTML 8Page - ON Semiconductor 2SC6097 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2SC6097
No. A0412-2/9
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Collector Dissipation
PC
0.8
W
Tc=25°C15
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=50V, IE=0A
1
μA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
1
μA
DC Current Gain
hFE
VCE=2V, IC=100mA
300
600
Gain-Bandwidth Product
fT
VCE=10V, IC=500mA
390
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
18
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)1
IC=1A, IB=50mA
100
150
mV
VCE(sat)2
IC=1A, IB=100mA
90
135
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=1A, IB=100mA
0.84
1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10μA, IE=0A
100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CES
IC=100μA, RBE=0Ω
100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
60
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10μA, IC=0A
6.5
V
Turn-On Time
ton
See specified Test Circuit
35
ns
Storage Time
tstg
680
ns
Fall Time
tf
24
ns
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SC6097-E
TP
500pcs./bag
Pb Free
2SC6097-TL-E
TP-FA
700pcs./reel
Pb Free
VR10
RB
VCC=30V
IC=10IB1= --10IB2=0.5A
VBE= --5V
++
50
Ω
INPUT
OUTPUT
RL
470
μF
100
μF
PW=20
μs
IB1
D.C. 1%
IB2
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com