Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6097 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2SC6097
Description  Bipolar Transistor 60V, 3A, Low VCE(sat), NPN Single TP/TP-FA
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC6097 Datasheet(HTML) 4 Page - ON Semiconductor

  2SC6097 Datasheet HTML 1Page - ON Semiconductor 2SC6097 Datasheet HTML 2Page - ON Semiconductor 2SC6097 Datasheet HTML 3Page - ON Semiconductor 2SC6097 Datasheet HTML 4Page - ON Semiconductor 2SC6097 Datasheet HTML 5Page - ON Semiconductor 2SC6097 Datasheet HTML 6Page - ON Semiconductor 2SC6097 Datasheet HTML 7Page - ON Semiconductor 2SC6097 Datasheet HTML 8Page - ON Semiconductor 2SC6097 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2SC6097
No. A0412-4/9
0.01
2
0.1
7
5
3
2
2
1.0
7
5
3
10
7
5
3
1.0
0.1
2
2
5
3
7
10
2
5
3
7
100
5
3
7
ICP=5A
100ms
1ms
IC=3A
IT11054
500
μs
<10μs
DC
operation
10ms
0.01
2
0.1
7
5
3
2
2
1.0
7
5
3
10
7
5
3
1.0
0.1
2
2
5
3
7
10
2
5
3
7
100
5
3
7
ICP=5A
IC=3A
IT11055
500
μs
<10μs
DC operation
1ms
10ms
100ms
A S O
Collector-to-Emitter Voltage, VCE -- V
Ta=25
°C
Single Pulse
A S O
Collector-to-Emitter Voltage, VCE -- V
Tc=25
°C
Single Pulse
17.5
0
15.0
10.0
7.5
5.0
2.5
12.5
20
060
40
80
100
140
120
160
IT11057
0
0.9
0.5
0.3
0.1
0.7
0.6
0.8
0.4
0.2
20
060
40
80
100
140
120
160
IT11056
PC -- Ta
PC -- Tc
Ambient Temperature, Ta --
°C
Case Temperature, Tc --
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com