Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3110 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP3110
Description  2X Mode for Ultra-High Efficiency
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3110 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP3110 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3110 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3110 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3110 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3110 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3110 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3110 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3110 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3110 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Preliminary Datasheet
LP3110
LP3110 – Ver. 1.1 Datasheet
Feb.-2008
Page 7 of 9
Application Information
2.2uF
82R
82R
Chip Enable
Vin
82R
1uF
82R
82R
Up to 6pcs White/Blue LED
LP3110
2
3
5
1
GND
EN
Vin
OUT
2.2uF
82R
10uF
LOAD
1uF
2.2uF
Up to 120mA
Vin
LP3110
2
3
5
1
GND
EN
Vin
OUT
Chip Enable
10uF
1uF
LP3110
2
3
5
1
GND
EN
Vin
OUT
Vin
2.2uF
Vout_5V
Chip Enable
Figure2: Up to 6pcs White/Blue LED Driver from Li-Ion Battery Source
Figure3: Step-up to 5V with loading application from Li-Ion Battery Source
Figure4: Step-up to 5V with LCD Vbais application from Li-Ion Battery Source



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com