Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3110 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP3110
Description  2X Mode for Ultra-High Efficiency
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3110 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP3110 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3110 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3110 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3110 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3110 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3110 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3110 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3110 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3110 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Preliminary Datasheet
LP3110
LP3110 – Ver. 1.1 Datasheet
Feb.-2008
Page 3 of 9
Electrical Characteristics
(Over recommended operating conditions unless specified otherwise) VIN =3.6V,EN=High, TA=25℃ )
Symbol
Parameter
Conditions
LP3110
Unit
Min.
Typ.
Max.
VIN
Input Voltage
2.8
Vout
V
VOUT
Output Voltage Range
5
V
IQ
Quiescent Current
No Load
150
450
µA
ISHDN
Shutdown Current
EN = GND
1
5
µA
FOSC
Oscillator Frequency
0.8
1.2
1.4
MHz
ISC
Output short Circuit Current Limit Vout<0.5V
250
350
400
mA
VEN(L)
Enable Threshold Low
0.4
V
VEN(H)
Enable Threshold High
1.4
V
IEN
Input Low Current
VIN = VEN = 5.5V
-1
1
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com