Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3110 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3110
Description  2X Mode for Ultra-High Efficiency
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3110 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3110 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3110 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3110 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3110 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3110 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3110 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3110 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3110 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3110 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Preliminary Datasheet
LP3110
LP3110 – Ver. 1.1 Datasheet
Feb.-2008
Page 1 of 9
High Performance Regulated Charge Pump
General Description
The LP3110 is a high performance charge pump
DC/DC converter that produces a regulated 5V output.
No external inductor is required for operation. The
operating voltage range is 2.6V to Vout. Internal
soft-start circuitry effectively reduces the in-rush
current both while start-up and mode change.
The LP3110 features very low quiescent current, over
current protection and short circuit protection.
The LP3110 is available in SOT-23-6 package.
Order Information
LP3110 -
□ □
□
F: Pb-Free
Package Type
B6: SOT23-6
Applications
LCD Panel
Cellular and Smart mobile phone
PDA/DSC
Flash LED Driver
Features
2X Mode for Ultra-High Efficiency
2.8V to Vout Range Input Voltage
Soft Start Function
Built-In Short-Circuit Protection
1.2MHz Fixed frequency
Built-in Thermal Protection
Over Current Protection Function
IQ<1uA in Shutdown
SOT23-6 Package
RoHS Compliant and 100% Lead (Pb)-Free
Typical Application Circuit
2.2uF
Vout_5V
Chip Enable
Vin
1uF
LP3110
2
3
5
1
GND
EN
Vin
OUT
2.2uF
Marking Information
Please see website.


Similar Part No. - LP3110

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP311 NSC-LP311 Datasheet
154Kb / 6P
LP311 Voltage Comparator
logo
Texas Instruments
LP311 TI-LP311 Datasheet
240Kb / 11P
LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LP311 TI1-LP311 Datasheet
403Kb / 8P
Voltage Comparator
LP311 TI2-LP311 Datasheet
453Kb / 14P
LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
REVISED SEPTEMBER 2003
LP311-N TI1-LP311-N Datasheet
403Kb / 8P
Voltage Comparator
More results

Similar Description - LP3110

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
High Efficiency 2X Charge Pump
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3169.2006.08.1.2
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
High Efficiency 2X charge Pump
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
High Efficiency 2X Charge Pump
logo
Diodes Incorporated
AL3158 DIODES-AL3158 Datasheet
368Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 1 - 2
AL3159 DIODES-AL3159 Datasheet
385Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
AL3158 DIODES-AL3158_11 Datasheet
369Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 2 - 2
AL3159 DIODES-AL3159_11 Datasheet
385Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com