Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3322 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3322
Description  1.1MHzFixed-Frequency PWM Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3322 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3322 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3322 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3322 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3322 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3322 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3322 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3322 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3322 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary Datasheet
LP3322
LP3322 – 00 Vesion 1.0 Datasheet
Feb.-2013
www.lowpowersemi.com
Page 1 of 8
High Performance, Constant Current Switching
Regulator For 10PCS White LED In Series
General Description
The LP3322 is a 1.1MHz PWM boost switching
regulator designed for constant- current white LED
driver applications. The LP3322 can drive a string of
up to 10 white LEDs
in series or 3s9p LEDs from
3.6V, ensuring uniform brightness and eliminating
several ballast resistors. The LP3322 implements a
constant frequency 1.1MHz PWM control scheme.
The high frequency PWM operation also saves
board space by reducing external component sizes.
To improve efficiency, the feedback voltage is set to
200mV and 300mV, which reduces the power
dissipation in the current setting resistor. Highly
integration and internal compensation network
minimizes
as
5
external
component
counts.
Optimized
operation
frequency
can
meet
the
requirement of small LC filters value and low
operation current with high efficiency.
Ordering Information
LP3322
F: Pb-Free
Package:
B6: SOT23-6
FB Voltage
Default: VFB=200mV
A: VFB=300mV
Pin Configurations
(SOT23-6)
Features
High Efficiency: 88%  
1.1MHzFixed-Frequency PWM Operation
Maximum Output Voltage up to 36V
Operating Range : 2.7V to 5.5V
Shutdown Supply Current:<1uA  
Available in SOT23-6 Package  
Built-in 39V Over Voltage Protection  
Minimize the External Component
RoHS Compliant and 100% Lead
(Pb)-Free
Applications
WLED Backlight driver
OLED Backlight driver
PDA
MID/PTV
Typical Application Circuit
10uH
EN
4
FB
3
Vin
6
OUT
5
LP3322
Vin
VFB=200mV
Cin
10uF
R1
10
Cout
1uF
SD103
Marking information
Please view website.


Similar Part No. - LP3322

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3320 POWER-LP3320 Datasheet
384Kb / 9P
High Performance, Constant Current Switching
LP3320B6F POWER-LP3320B6F Datasheet
384Kb / 9P
High Performance, Constant Current Switching
LP3320QVF POWER-LP3320QVF Datasheet
384Kb / 9P
High Performance, Constant Current Switching
LP3321 POWER-LP3321 Datasheet
505Kb / 9P
1.3MHzFixed-Frequency PWM Operation
logo
Vishay Siliconix
LP3325CL VISHAY-LP3325CL Datasheet
105Kb / 2P
Surface Mount Current Sense Transformers
09-Mar-12
More results

Similar Description - LP3322

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3301S POWER-LP3301S Datasheet
544Kb / 8P
1.2MHzFixed-Frequency PWM Operation
LP3308 POWER-LP3308 Datasheet
439Kb / 9P
1.4MHzFixed-Frequency PWM Operation
LP3311 POWER-LP3311 Datasheet
510Kb / 8P
1.3MHzFixed-Frequency PWM Operation
LP3315 POWER-LP3315 Datasheet
424Kb / 8P
1.2MHzFixed-Frequency PWM Operation
LP3316 POWER-LP3316 Datasheet
544Kb / 8P
1.2MHzFixed-Frequency PWM Operation
LP3321 POWER-LP3321 Datasheet
505Kb / 9P
1.3MHzFixed-Frequency PWM Operation
LP3382 POWER-LP3382 Datasheet
551Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3382S POWER-LP3382S Datasheet
555Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3383 POWER-LP3383 Datasheet
544Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3385 POWER-LP3385 Datasheet
534Kb / 9P
1.2MHzFixed-Frequency PWM Operation
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com