Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3322 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP3322
Description  1.1MHzFixed-Frequency PWM Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3322 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP3322 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3322 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3322 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3322 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3322 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3322 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3322 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3322 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Preliminary Datasheet
LP3322
LP3322 – 00 Vesion 1.0 Datasheet
Feb.-2013
www.lowpowersemi.com
Page 6 of 8
Applications Information
LED Current Control
The LP3322 regulates the LED current by setting
the current sense resistor (R1) connecting to
feedback
and
ground.
The
internal
feedback
reference voltage is 200mV or LP3322A is 300mV.
The LED current can be set from following equation
easily.
ILED=200mV/R1 (LP3322)
ILED=300mV/R1 (LP3322A)
In order to have an accurate LED current, precision
resistors are preferred (1% is recommended). The
table for R1 selection is shown below.
Inductor Selection
The recommended value of inductor for 2 to 10
WLEDs applications are 4.7 to 10µH. Small size
and better efficiency are the major concerns for
portable device, such as LP3322 used for mobile
phone. The inductor should have low core loss at
1.1MHz and low DCR for better efficiency. To
avoid inductor saturation current rating should be
considered.
Dimming control
a. Using a PWM Signal to EN Pin
For controlling the LED brightness, the LP3322 can
perform the dimming control by applying a PWM
signal to EN pin. The internal soft-start and wide
range dimming frequency from 100Hz to 1MHz can
insignificantly reduce audio noise when dimming.
The average LED current is proportional to the
PWM signal duty cycle. The magnitude of the
PWM signal should be higher than the maximum
enable voltage of EN pin, in order to let the
dimming control perform correctly.
Cout
1uF
10uH
Cin
10uF
R1
10
Vin
PWM
EN
4
FB
3
Vin
6
OUT
5
LP3322
b. Using a DC Voltage
Using a variable DC voltage to adjust the brightness
is a popular method in some applications. The
dimming control using a DC voltage circuit is
shown in Figure 4. According to the Superposition
Theorem, as the DC voltage increases, the voltage
contributed to VFB increases and the voltage drop
on R2 decreases, i.e. the LED current decreases. For
example, if the VDC range is from 0V to 2.8V, the
selection of resistors in Figure 4 sets dimming
control of LED current from 20mA to 0mA.
EN
4
FB
3
Vin
6
OUT
5
LP3322
Cout
1uF
10uH
Cin
10uF
R1
10
Vin
R2
5k
R3
90k
VDC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com