Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3322 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP3322
Description  1.1MHzFixed-Frequency PWM Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3322 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP3322 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3322 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3322 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3322 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3322 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3322 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3322 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3322 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Preliminary Datasheet
LP3322
LP3322 – 00 Vesion 1.0 Datasheet
Feb.-2013
www.lowpowersemi.com
Page 2 of 8
Functional pin description
SOT-23-6
Pin Name
Pin Function
1
LX
Switch Pin. Connect this Pin to inductor and catch diode. Minimize the track
area to reduce EMI.
2
GND
Ground Pin
3
FB
Feedback Reference Voltage Pin. Series connect a resistor between WLED
and ground as a current sense. Sense the current feedback voltage to set the
current rating.
4
EN
Chip Enable (Active High). Voltage sensing input to trigger the function of
over voltage protection. Note that this pin is high impedance. There should
be a pull low 100kΩ resistor connected to GND when the control signal is
floating.
5
OUT
Over Voltage protection pin.
6
Vin
Supply Input Voltage Pin. Bypass 1uF capacitor to GND to reduce the input
noise.
Function Block Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com