Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6206 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6206
Description  Output to Input Disconnect at Shutdown Mode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6206 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6206 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6206 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6206 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6206 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6206 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6206 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6206 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Preliminary
Datasheet
LP6206
LP6206 –00 Ver. 1.0 Datasheet
Dec.-2008
- - www.Lowpowersemi.com - -
Page 1 of 7
Synchronous Boost DC/DC Regulator
General Description
The LP6206 is high efficiency synchronous, fixed
frequency, current-mode step-up converter with
output to input disconnect. A PWM step-up DC/DC
converters optimized to provide a high efficiency
solution to medium power system.
When LP6206
is disabled, the internal conduction path from the
battery. This output disconnect feature reduces the
shutdown current to typically only 50nA.
the
devices regulates the output voltage up to 6V from
either a 2cell NiMH/NiCd or a single-cell Li-ion
Battery with a 500KHz fixed frequency switching.
These features minimize overall solution footprint
by allowing the use of tiny, low profile inductors
and ceramic capacitors.
Ordering Information
LP6206 -
□ □
□
F: Pb-Free
Package Type
B5: TSOT23-5
Typical Application Circuit
4.7uH
22pF
+
22uF
R1
1.5M
Vin
LP6206
3
5
1
OUT
EN
FB
R2
500K
Vout
+
Cout
22uF
Features
Up to 94% efficiency
Output to Input Disconnect at Shutdown Mode
Shut-down current:<1uA
Output voltage Up to 5V
Internal Synchronous Rectifier
Internal Soft-start
Internal Compensation
500KHz fixed frequency switching
High switch on current:1.6A
50nA Shutdown Current
Available in SCT23-5 Package 
Applications
Battery products
Host Products
Pin Configurations
Marking Information
Please see website.


Similar Part No. - LP6206

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6201 POWER-LP6201 Datasheet
520Kb / 9P
Low voltage start-up:0.9V
LP6202 POWER-LP6202 Datasheet
235Kb / 7P
Synchronous Boost DC/DC Regulator
LP6202-B6F POWER-LP6202-B6F Datasheet
235Kb / 7P
Synchronous Boost DC/DC Regulator
LP6202A POWER-LP6202A Datasheet
236Kb / 6P
Synchronous Boost DC/DC Regulator
LP6202AA-B6F POWER-LP6202AA-B6F Datasheet
236Kb / 6P
Synchronous Boost DC/DC Regulator
More results

Similar Description - LP6206

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6212 POWER-LP6212 Datasheet
621Kb / 6P
Output to Input Disconnect at Shutdown Mode
LP6218S POWER-LP6218S Datasheet
306Kb / 6P
Output to Input Disconnect at Shutdown Mode
LP6223 POWER-LP6223 Datasheet
307Kb / 6P
Output to Input Disconnect at Shutdown Mode
LP6229 POWER-LP6229 Datasheet
306Kb / 6P
Output to Input Disconnect at Shutdown Mode
LP6252 POWER-LP6252 Datasheet
460Kb / 8P
Output to Input Disconnect at Shutdown Mode
LP6253 POWER-LP6253 Datasheet
844Kb / 11P
Output to Input Disconnect at Shutdown Mode
LP6270 POWER-LP6270 Datasheet
245Kb / 6P
Output to Input Disconnect at Shutdown Mode
logo
Pepperl+Fuchs Inc.
FB6208B PF-FB6208B Datasheet
615Kb / 3P
Digital Output with Shutdown Input
LB6017E PF-LB6017E Datasheet
277Kb / 4P
Digital Output with Shutdown Input
2021-12-01
LB6113ER PF-LB6113ER Datasheet
582Kb / 4P
Digital Output with Shutdown Input
2022-01-18
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com