Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6206 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP6206
Description  Output to Input Disconnect at Shutdown Mode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6206 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP6206 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6206 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6206 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6206 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6206 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6206 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6206 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Preliminary
Datasheet
LP6206
LP6206 –00 Ver. 1.0 Datasheet
Dec.-2008
- - www.Lowpowersemi.com - -
Page 3 of 7
Absolute Maximum Ratings
Supply Input Voltage---------------------------------------------------------------------------------------------------------------6V
Power Dissipation, PD @ TA = 25°C
SOT23-5--------------------------------------------------------------------------------------------------------600mW
Package Thermal Resistance
SOT23-5, θJA ---------------------------------------------------------------------------------------------------------------250°C/W
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------------------------260°C
Storage Temperature Range --------------------------------------------------------------------------------- −65°C to 150°C
Recommended Operating Conditions
Supply Input Voltage-------------------------------------------------------------------------------------------------2.2V to 6V
EN Input Voltage -------------------------------------------------------------------------------------------------------0V to 5.5V
Operation Junction Temperature Range ------------------------------------------------------------------−40°C to 125°C
Operation Ambient TemperatureRange----------------------------------------------------------------------−40°C to 85°C
Electrical Characteristics
(Vin=2.4V,Vout=3.5V,Cin=10uF,Cout=10uF,L1=4.7uH,R1=178K,R2=100K,Ta=-40 ℃
to 85 ℃ ,unless otherwise
noted.Typical values are at TA=25℃.)
LP6206
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage
2.2
5
V
Output Voltage Range
2.5
6
V
Supply Current(Shutdown)
VEN=VOUT=0V,VSW=5V
0.05
1
uA
Supply Current
VFB=1.3V
0.39
mA
Feedback Voltage
1.2
1.25
1.3
V
Feedback Input Current
VFB=1.2V
50
nA
Switching Frequency
310
500
690
KHz
Maximum Duty Cycle
80
85
90
%
EN Input Low Voltage
0.4
V
EN Input High Voltage
1.4
V
EN Pull Down Resistance
1
Low-side On Resistance
Vout=3.3V
450
Low-side Current Limit
1.4
1.6
2
A
High-side On Resistance
Vout=3.3V
650



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com