Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6206 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP6206
Description  Output to Input Disconnect at Shutdown Mode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6206 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP6206 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6206 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6206 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6206 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6206 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6206 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6206 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Preliminary
Datasheet
LP6206
LP6206 –00 Ver. 1.0 Datasheet
Dec.-2008
- - www.Lowpowersemi.com - -
Page 6 of 7
Operation Information
The LP6206 uses a 500KHz fixed-frequency,
current-mode regulation architecture to regulate the
output voltage. The LP6206 measures the output
voltage through an external resistive voltage divider
and compares that to the internal 1.25V reference to
generate the error voltage to the inductor current to
regulate the output voltage.the use of current-mode
regulation improves transient response and control
loop
sta b ilit y .
When the LP6206 is disable(EN=Low),both power
switches are off. There is no current path from SW
to OUT. There fore, the output voltage discharges to
ground. When the LP6206 is enabled(EN=High),a
limited start-current charges the output voltage
rising to SW, then th part operates in force PWM
mode for regulating the output voltage to the target
value. At the beginning of each cycle, the N-channel
MOSFET switch is turned on, forcing the inductor
current to rise, The current at the source of the
switch is internally measured and converted to a
voltage by the current sense amplifier. That voltage
is compared to the error voltage. When the inductor
current rises sufficiently, the PWM comparator
turns off the switch, forcing the inductor current to
the output capacitor through the internal P-Channel
MOSFET rectifier, which forces the inductor
current to decrease. The peak inductor current is
controlled by the error voltage. Thus the output
voltage controls the inductor current to satisfy the
lode.
Soft-Start
The LP6206 includes a soft-start timer that limits
the voltage at the error amplifier output during
startup to prevent excessive current at the input.This
prevents premature termination of the source
voltage at start-up due to inrush current.This also
Limits thd inductor current at startup,forcing the
input current to rise slowly to the amount required
to regulate the output voltage during soft-start.
Application Information
Component selection
Setting the Output Voltage
Set the output voltage by selecting the resistive
voltage divider ratio. The voltage divider drops the
output voltage to the 1.25V feedback voltage. Use a
100K resistor for R2 of the voltage divider.
Determine the high-side resistor R1 by the equation:
Vout=(R1/R2+1) X VFB
LP6206
3
5
1
OUT
EN
FB
0.22uF
+
22uF
R1
1.5M
22pF
4.7uH
4.7uH
LP6206
3
5
1
OUT
EN
FB
Vout
5V Typical Application with External Diode(A)
R1
1.5M
Vin
22pF
+
Cout
22uF
+
Cout
22uF
R2
500K
+
22uF
R2
500K
5V Typical Application with External Diode(B)
Vout
PMOS
Vin



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com