Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6252 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6252
Description  Output to Input Disconnect at Shutdown Mode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6252 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6252 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6252 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6252 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6252 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6252 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6252 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6252 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6252 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Preliminary Datasheet
LP6252
LP6252–00 Version 1.0 Aug.-2014 E-mail: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 8
Typical Application Circuit
VIN
VIN
LX
EN
GND
OUT
FB
5V
68K
13K
10uF*2
4.7uH
10uF
LP6252
33pF/NC
Functional Pin Description
SOT23-6 TDFN-6 PIN Name
Description
6
1
FB
Regulation Feedback Input. Connect to an external resistive
voltage divider from the output to FB to set the output voltage.
The pin is 0.8V.
5
2
GND
Ground Pin.
4
3
LX
Pin for switching.
3
4
VIN
Voltage supply input pin.
2
5
OUT
Voltage output Pin.
1
6
EN
Chip enable pin. LP6252 will turn on when EN=high, and turn off
when EN=0.
Function Block Diagram
EN
EN
SLOPE
COMPENSAION
CURRENT
SENSER
CURRENT
LIMIT
INTERNAL
COMPENSATION
CONTROL
LOGIC
OSC
LX
FB
VIN
VHIGH
GND
BODY AND VHICH
SELECT
OUT
REF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com