Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6252 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6252
Description  Output to Input Disconnect at Shutdown Mode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6252 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6252 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6252 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6252 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6252 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6252 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6252 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6252 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6252 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary Datasheet
LP6252
LP6252–00 Version 1.0 Aug.-2014 E-mail: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 8
High Efficiency 2.7A Synchronous Boost Convertor
General Description
The LP6252 is a Synchronous current mode boost
DC-DC converter. Its PWM circuitry with built-in 2.7A
Current power MOSFET makes this converter highly
power efficiently. Selectable high switching frequency
allows faster loop response and easy filtering with a
low noise output. The non-inverting input its error
amplifier is connected to an internal 800mV precision
reference voltage. Current mode control and external
compensation network make it easy and flexible to
stabilize the system.
Ordering Information
LP6252
□ □
□
F: Pb-Free
Package Type
B6: SOT23-6
QV: TDFN-6
Applications
Battery products
Host OTG
Audio power
Features
Up to 95% efficiency
Output to Input Disconnect at Shutdown Mode
Shut-down current:<1uA
Output voltage Up to 5.5V
Over Output Voltage Protection
Over Current Protection
Over Temperature Protection
Internal Compensation of Soft-start
550KHz fixed frequency switching
High switch on current:2.7A
Available in SOT23-6 and TDFN-6 Package
Pin Configurations
1
2
3
6
5
4
LX
GND
FB
EN
OUT
VIN
FB
GND
LX
EN
OUT
VIN
1
2
3
4
5
6
GND
SOT23-6
TDFN-6
Marking Information
Device
Marking
Package
Shipping
LP6252B6F
LPS
5VYWX
SOT23-6
3K/REEL
LP6252QVF LPS
5TYW
TDFN-6
Marking indication:
Y:Production year W:Production period X:Production batch
TOP VIEW


Similar Part No. - LP6252

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6250 POWER-LP6250 Datasheet
399Kb / 8P
2.1A Synchronous Current Boost DC/DC Regulator
Sep.-2010
LP6250-QVF POWER-LP6250-QVF Datasheet
399Kb / 8P
2.1A Synchronous Current Boost DC/DC Regulator
Sep.-2010
LP6253 POWER-LP6253 Datasheet
844Kb / 11P
Output to Input Disconnect at Shutdown Mode
LP6253H POWER-LP6253H Datasheet
1Mb / 12P
High Efficiency 8A Synchronous Boost Convertor
LP6253HQVF POWER-LP6253HQVF Datasheet
1Mb / 12P
High Efficiency 8A Synchronous Boost Convertor
More results

Similar Description - LP6252

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6206 POWER-LP6206 Datasheet
369Kb / 7P
Output to Input Disconnect at Shutdown Mode
LP6212 POWER-LP6212 Datasheet
621Kb / 6P
Output to Input Disconnect at Shutdown Mode
LP6218S POWER-LP6218S Datasheet
306Kb / 6P
Output to Input Disconnect at Shutdown Mode
LP6223 POWER-LP6223 Datasheet
307Kb / 6P
Output to Input Disconnect at Shutdown Mode
LP6229 POWER-LP6229 Datasheet
306Kb / 6P
Output to Input Disconnect at Shutdown Mode
LP6253 POWER-LP6253 Datasheet
844Kb / 11P
Output to Input Disconnect at Shutdown Mode
LP6270 POWER-LP6270 Datasheet
245Kb / 6P
Output to Input Disconnect at Shutdown Mode
logo
Pepperl+Fuchs Inc.
FB6208B PF-FB6208B Datasheet
615Kb / 3P
Digital Output with Shutdown Input
LB6017E PF-LB6017E Datasheet
277Kb / 4P
Digital Output with Shutdown Input
2021-12-01
LB6113ER PF-LB6113ER Datasheet
582Kb / 4P
Digital Output with Shutdown Input
2022-01-18
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com