Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6252 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP6252
Description  Output to Input Disconnect at Shutdown Mode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6252 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP6252 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6252 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6252 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6252 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6252 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6252 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6252 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6252 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Preliminary Datasheet
LP6252
LP6252–00 Version 1.0 Aug.-2014 E-mail: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 8
Operation Information
The LP6252 uses a synchronous 550KHz fixed
frequency, current-mode regulation architecture to
regulate the output voltage. The LP6252 measures the
output voltage through an external resistive voltage
divider and compares that to the internal 0.8V
reference to generate the error voltage to the inductor
current to regulate the output voltage. The use of
current-mode regulation improves transient response
and control loop stability.
When the LP6252 is disable (EN=Low), both power
switches are off. There is no current path from SW to
OUT. Therefore, the output voltage discharges to
ground. When the LP6252 is enabled(EN=High),a
limited start-current charges the output voltage rising
to SW, then the part operates in force PWM mode for
regulating the output voltage to the target value. At the
beginning of each cycle, the N-channel MOSFET
switch is turned on, forcing the inductor current to rise,
The current at the source of the switch is internally
measured and converted to a voltage by the current
sense amplifier. That voltage is compared to the error
voltage. When the inductor current rises sufficiently,
the PWM comparator turns off the switch, forcing the
inductor current to the output capacitor through the
internal P-Channel MOSFET rectifier, which forces the
inductor current to decrease. The peak inductor
current is controlled by the error voltage. Thus the
output voltage controls the inductor current to satisfy
the lode.
Setting the Output Voltage
Set the output voltage by selecting the resistive
voltage divider ratio. The voltage divider drops the
output voltage to the 0.8V feedback voltage. Use a
100K resistor for R2 of the voltage divider. Determine
the high-side resistor R1 by the equation:
Vout=(R1/R2+1) x VFB
Pre-Boost Current and Short Circuit Protect
Initially output voltage is lower than battery voltage,
and the LP6252 enters pre-boost phase. During
pre-boost phase, the internal NMOSFET/PMOSFET is
turned off/on and a constant current is provided from
battery to output until the output voltage close to the
battery voltage. The constant current is limited by
internal controller. If the output short to ground, the
LP6252 also limits the output current to avoid damage
condition
Inductor Selection
For a better efficiency in high switching frequency
converter, the inductor selection has to use a proper
core material such as ferrite core to reduce the core
loss and choose low ESR wire to reduce copper loss.
The most important point is to prevent the core
saturated when handling the maximum peak current.
Using a shielded inductor can minimize radiated noise
in sensitive applications. The maximum peak inductor
current is the maximum input current plus the half of
inductor ripple current. The calculated peak current
has to be smaller than the current limitation in the
electrical characteristics. A typical setting of the
inductor ripple current is 20% to 40% of the maximum
input current. If the selection is 40%, the maximum
peak inductor current is



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com