Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28056 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP28056
Description  Programmable Charge Current Up to 1200mA
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28056 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP28056 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28056 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28056 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28056 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28056 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28056 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28056 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28056 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28056 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Preliminary Datasheet
LP28056
LP28056 – 01 Ver. 1.1 Datasheet
FEB.-2012
www.lowpowersemi.com
Page 1 of 9
1.2A Single-chip Li-ion and Li-POL Charge with OVP
General Description
The LP28056 is a complete constant-current/ constant-
voltage linear charger for single cell lithium-ion batteries.
Its TDFN-10 package and low external component count
make the LP28056 ideally suited for portable applications.
Furthermore, the LP28056 is specifically designed to work
within USB power specifications. Its have a over voltage
protection in input with 6.5V and support over zero
voltages of battery can charge enable.
No external sense resistor is needed, and no blocking diode
is required due to the internal MOSFET architecture.
Thermal feedback regulates the charge current to limit the
die temperature during high power operation or high
ambient temperature. The charge voltage is fixed at 4.2V,
and the charge current can be ISET rammed externally with
a single resistor. The LP28056 automatically terminates the
charge cycle when the charge current drops to 1/10th the
ISET rammed value after the final float voltage is reached.
When the input supply (wall adapter or USB supply) is
removed, the LP28056 automatically enters a low current
state, dropping the battery drain current to less than 2µA.
The LP28056 can be put into shutdown mode, reducing the
supply current to 25µA.
Other features include charge current monitor, undervoltage
lockout, automatic recharge and a status pin to indicate
charge termination and the presence of an input voltage.
Order Information
LP28056 - □ □ □
F: Pb-Free
Package Type
SP: SOP-8(P)
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
PDA/DSC
Bluetooth Applications
Features
Very Low Power Dissipation
Vin Over Voltage Protection:6.5V
Short-circuit protection
Programmable Charge Current Up to 1200mA
No MOSFET, Sense Resistor or Blocking Diode
Required
Constant-Current/Constant-Voltage Operation with
Thermal Regulation to Maximize Charge Rate Without
Risk of Overheating
Charges Single Cell Li-Ion Batteries Directly from USB
Port
25µA Supply Current in Shutdown
Time Pre-charge Conditioning With Safety Timer
Reverse Leakage Protection Prevents Battery
Drainage Charge Current Thermal Regulation Status
Outputs for LED or System Interface
Indicates Charge and Fault Conditions
Optional Battery Temperature Monitoring Before and
During Charge Automatic Sleep Mode for Low-Power
Consumption Available in SOP-8P Package
RoHS Compliant and 100% Lead (Pb)-Free
Typical Application Circuit
1K
BATTERY
VIN
10uF
4.7uF
Rset
STAT1
7
VSS
3
STAT2
6
ISET
2
VIN
4
BATT
5
PGND
9
LP28056SPF
Marking Information
Please see website www.lowpowersemi.com
LP28056.


Similar Part No. - LP28056

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28056S POWER-LP28056S Datasheet
522Kb / 8P
1.2A Single-chip Li-ion and Li-POL Charge
LP28056SSPF POWER-LP28056SSPF Datasheet
522Kb / 8P
1.2A Single-chip Li-ion and Li-POL Charge
More results

Similar Description - LP28056

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLD-IZ AIMTEC-AMLD-IZ Datasheet
281Kb / 8P
Up to 1200mA | LED Driver
logo
Lowpower Semiconductor ...
LP4060 POWER-LP4060 Datasheet
794Kb / 13P
Programmable Charge Current Up to 800mA
LP28012 POWER-LP28012 Datasheet
340Kb / 10P
Programmable Charge Current Up to 1200mA
LP28400 POWER-LP28400 Datasheet
1Mb / 17P
Programmable Charge Current Up to 3000mA
LP78071 POWER-LP78071 Datasheet
825Kb / 16P
Programmable Charge Current Up to 1000mA
LP78090 POWER-LP78090 Datasheet
655Kb / 10P
Programmable Charge Current Up to 1000mA
LP78092 POWER-LP78092 Datasheet
451Kb / 10P
Programmable Charge Current Up to 1000mA
logo
AIMTEC
AMER50N-Z AIMTEC-AMER50N-Z Datasheet
517Kb / 5P
up to 1200mA | AC-DC LED driver
logo
Advanced Monolithic Sys...
TC4056A ADMOS-TC4056A Datasheet
1Mb / 18P
Up 1000mA Programmable charge current
logo
SHOUDING Shouding Semic...
SD4056 SHOUDING-SD4056 Datasheet
383Kb / 16P
High capacity of up to 1000 mA programmable charge current
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com