Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28056 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP28056
Description  Programmable Charge Current Up to 1200mA
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28056 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP28056 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28056 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28056 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28056 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28056 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28056 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28056 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28056 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28056 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Preliminary Datasheet
LP28056
LP28056 – 01 Ver. 1.1 Datasheet
FEB.-2012
www.lowpowersemi.com
Page 2 of 9
Functional Pin Description
P a ckag e Ty pe
Pin Con f igurat i o ns
SOP-8(P)
LP28056
1
2
3
45
6
7
8
9
PGND
NC
NC
VSS
STAT1
BATT
ISET
VIN
STAT2
Pi n Desc ript io n
PIN
PIN
Number
DESCRIPTION
1,8
NC
No Connector.
2
Iset
Charge Current Program, Charge Current Monitor and Shutdown Pin. The charge current is programmed
by connecting a 1% resistor(R
PROG)to ground. When charging in constant-current mode, this pin servos to
1V. In all modes, the voltage on this pin can be used to measure the charge current using the following
formula.
3
VSS
VSS is the connection to system ground.
4
Vin
VIN is the input power source. Connect to a wall adapter.
5
BATT
BAT is the connection to the battery. Typically a 10µF Tantalum capacitor is needed for stability when
there is no battery attached. When a battery is attached, only a 0.1µF ceramic capacitor is required.
6
STAT2
Open-Drain Charge Status Output. When the battery is charging, the STAT pin is pulled High by an
internal N-channel MOSFET. When the charge cycle is completed, the pin is pulled Low.
7
STAT1
Open-Drain Charge Status Output. When the battery is charging, the STAT pin is pulled low by an
internal N-channel MOSFET. When the charge cycle is completed, the pin is pulled High.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com