Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28056 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP28056
Description  Programmable Charge Current Up to 1200mA
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28056 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP28056 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28056 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28056 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28056 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28056 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28056 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28056 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28056 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28056 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Preliminary Datasheet
LP28056
LP28056 – 01 Ver. 1.1 Datasheet
FEB.-2012
www.lowpowersemi.com
Page 3 of 9
Function Block Diagram
Absolute Maximum Ratings
Input Voltage to GND (VIN) ----------------------------------------------------------------------------- 2.6V to 8V
BAT, ISET, STAT (VX) ---------------------------------------------------------------------- 0.3V to VIN+0.3V
BAT Short-Circuit Duration ---------------------------------------------------------------------------- Continuous
BAT Pin Current ------------------------------------------------------------------------------------------ 1500mA
Maximum Junction Temperature ---------------------------------------------------------------------------- 125°C
Operating Junction Temperature Range (TJ) ----------------------------------------------------- -40℃ to 85°C
Maximum Soldering Temperature (at leads, 10 sec) ------------------------------------------------------ 260°C
Thermal Information
Maximum Power Dissipation (PD,TA<40°C) -------------------------------------------------------------- 1.5W
Thermal Resistance (JA) --------------------------------------------------------------------------------- 46℃/W
LP28056



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com