Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85N06 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MS85N06
Description  Improved dv/dt Capability, High Ruggedness
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS85N06 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MS85N06 Datasheet HTML 1Page - Bruckewell Technology LTD MS85N06 Datasheet HTML 2Page - Bruckewell Technology LTD MS85N06 Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Preliminary Data Sheet
Bruckewell Technology Corp., Ltd.
MS85N06
60V N-Channel MOSFET
FEATURES
■ RDS(on) (Max 0.013 Ω )@VGS=10V
■ Gate Charge (Typical 70nC)
■ Improved dv/dt Capability, High Ruggedness
■ 100% Avalanche Tested
■ Maximum Junction Temperature Range (175°C)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (Tc=25°C unless otherwise specified)
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage
60
V
Drain Current
-Continuous (TC=25℃)
85
A
ID
Drain Current
-Continuous (TC=100℃)
60
A
IDM
Drain Current
-Pulsed
340
A
VGS
Gate-Source Voltage
±20
V
EAS
Single Pulsed Avalanche Energy
929
mJ
EAR
Repetitive Avalanche Energy
17.6
mJ
dv/dt
Peak Diode Recovery dv/dt
7.0
V/ns
Power Dissipation (TC=25℃)
176
W
PD
- Derate above 25℃
1.17
W/℃
TJ,TSTG
Operating and Storage Temperature Range
–55 to + 175
℃
TL
Maximum lead temperature for soldering purposes,
1/8'' from case for 5 seconds
300
℃
• Drain current limited by maximum junction temperature


Similar Part No. - MS85N06

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS85049-94 GLENAIR-MS85049-94 Datasheet
93Kb / 1P
Full Perimeter Nut Plate
MS85049-94-10-A GLENAIR-MS85049-94-10-A Datasheet
226Kb / 1P
Full Perimeter Nut Plate for Flange Mount Receptacle Connector
MS85049-94-12-A GLENAIR-MS85049-94-12-A Datasheet
226Kb / 1P
Full Perimeter Nut Plate for Flange Mount Receptacle Connector
MS85049-94-14-A GLENAIR-MS85049-94-14-A Datasheet
226Kb / 1P
Full Perimeter Nut Plate for Flange Mount Receptacle Connector
MS85049-94-16-A GLENAIR-MS85049-94-16-A Datasheet
226Kb / 1P
Full Perimeter Nut Plate for Flange Mount Receptacle Connector
More results

Similar Description - MS85N06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP4137PBF IRF-IRFP4137PBF Datasheet
389Kb / 8P
Improved Gate, Avalanche and Dynamic dV/dt Ruggedness
logo
Kersemi Electronic Co.,...
KSM4P25 KERSEMI-KSM4P25 Datasheet
1Mb / 7P
Improved dv/dt capability
logo
Bruckewell Technology L...
MS75N075 BWTECH-MS75N075 Datasheet
441Kb / 4P
Improved dv/dt Capability, High Ruggedness
logo
Fairchild Semiconductor
FDD6N50TM_F085 FAIRCHILD-FDD6N50TM_F085 Datasheet
946Kb / 8P
Improved dv/dt capability
logo
STMicroelectronics
STP35N60DM2 STMICROELECTRONICS-STP35N60DM2 Datasheet
733Kb / 13P
Extremely high dv/dt ruggedness
10-Sep-2015
STP43N60DM2 STMICROELECTRONICS-STP43N60DM2 Datasheet
422Kb / 13P
Extremely high dv/dt ruggedness
02-Jul-2015
STW18N60DM2 STMICROELECTRONICS-STW18N60DM2 Datasheet
711Kb / 12P
Extremely high dv/dt ruggedness
28-Jan-2016
STF35N60DM2 STMICROELECTRONICS-STF35N60DM2 Datasheet
691Kb / 13P
Extremely high dv/dt ruggedness
15-Sep-2015
STW70N60DM2 STMICROELECTRONICS-STW70N60DM2 Datasheet
724Kb / 12P
Extremely high dv/dt ruggedness
09-Dec-2015
logo
First Silicon Co., Ltd
FTK3908Z FS-FTK3908Z Datasheet
1Mb / 5P
Improved dv/dt capability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com