Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85N06 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MS85N06
Description  Improved dv/dt Capability, High Ruggedness
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS85N06 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MS85N06 Datasheet HTML 1Page - Bruckewell Technology LTD MS85N06 Datasheet HTML 2Page - Bruckewell Technology LTD MS85N06 Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Preliminary Data Sheet
Bruckewell Technology Corp., Ltd.
Thermal Resistance Characteristics
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
––
0.85
RθJA
Junction-to-Ambient
––
62.5
℃
/W
Electrical Characteristics
(Tc=25°C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Type
Max
Units
Off Characteristics
BVDSS Drain-Source Breakdown Voltage VGS=0 V , ID=250µA
60
––
––
V
△
BVDSS
/△TJ
Breakdown Voltage Temperature
Coefficient
ID=250µA, Referenced to 25℃
––
0.07
––
V/℃
VDS=60V , VGS= 0 V
––
––
10
µA
IDSS
Zero Gate Voltage Drain Current
VDS=48V , VC= 125℃
––
––
100
µA
IGSSF
Gate-Body Leakage Current,
Forward
VGS=20V , VDS=0 V
––
––
100
nA
IGSSR
Gate-Body Leakage Current,
Reverse
VGS=-20V , VDS=0 V
––
––
–100
nA
On Characteristics
VGS
Gate Threshold Voltage
VDS=VGS,ID=250µA
2.0
––
4.0
V
RDS(ON)
Static Drain-Source
On-Resistance
VGS=10V,ID=42.5A
––
10.5
13
mΩ
Dynamic Characteristics
Ciss
Input Capacitance
––
2500
––
pF
Coss
Output Capacitance
––
900
––
pF
Crss
Reverse Transfer Capacitance
VDS=25V, VGS=0V,
f=1.0MHz
––
160
––
pF
Switching Characteristics
td(on)
Turn-On Time
––
40
--
ns
tr
Turn-On Rise Time
––
200
--
ns
td(off)
Turn-Off Delay Time
––
150
--
ns
tf
Turn-Off Fall Time
VDS=42.5 V, ID=30A,
RG=25Ω
––
150
--
ns
Qg
Total Gate Charge
––
70
--
nC
Qgs
Gate-Source Charge
––
20
––
nC
Qgd
Gate-Drain Charge
VDS=48V,ID=85A,
VGS=10V
––
30
––
nC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com