Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85N06 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # MS85N06
Description  Improved dv/dt Capability, High Ruggedness
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS85N06 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  MS85N06 Datasheet HTML 1Page - Bruckewell Technology LTD MS85N06 Datasheet HTML 2Page - Bruckewell Technology LTD MS85N06 Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Preliminary Data Sheet
Bruckewell Technology Corp., Ltd.
Source-Drain Diode Maximum Ratings and Characteristics
IS
Continuous Source-Drain Diode Forward Current
––
––
85
ISM
Pulsed Source-Drain Diode Forward Current
––
––
340
A
VSD
Source-Drain Diode Forward Voltage
IS=85A, VGS=0V
––
––
1.5
V
trr
Reverse Recovery Time
––
70
––
ns
Qrr
Reverse Recovery Charge
IS=85 A , VGS= 0V
diF/dt=100A/µs
––
130
––
µC
Notes;
1. Repeativity rating : pulse width limited by junction temperature
2. L = 150uH, IAS =85A, VDD = 25V, RG = 25Ω , Starting TJ = 25°C
3. ISD ≤ 85A, di/dt ≤ 300A/us, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse Width ≤ 300us, Duty Cycle ≤ 2%
5. Essentially independent of operating temperature.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com