Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78071 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP78071
Description  Programmable Charge Current Up to 1000mA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78071 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP78071 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 8Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Preliminary Datasheet
LP78071
LP78071 – 00 Version 1.0 Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com Page 1 of 16
1A Charge+ 1.5A Synchronous Boost PMIC
General Description
The LP78071 is a PMIC,which has 1ch Charger and
1ch Synchronous Boost Converter with ESOP-8 and
TDFN10 package.
Its charger is a complete constant-current constant
voltage linear charger for single cell lithium-ion
batteries. Furthermore, the LP78071 is specifically
designed to work within USB power specifications. No
external sense resistor is needed, and no blocking
diode is required due to the internal MOSFET
architecture. Thermal feedback regulates the charge
current to limit the die temperature during high power
operation or high ambient temperature. The charge
voltage is fixed at 4.2V, and the charge current can be
ISET rammed externally with a single resistor. The
charger automatically terminates the charge cycle
when the charge current drops to 1/10th the ISET
rammed value after the final float voltage is reached.
When the input supply (wall adapter or USB supply) is
removed, the LP78071 automatically enters a low
current state, dropping the battery drain current to less
than 4µA.
Other features include charge current monitor, under
voltage lockout, automatic recharge and a status pin to
indicate charge termination and the presence of an
input voltage.
Boost converter is Synchronous current mode boost
DC-DC converter. Its PWM circuitry with built-in 3A
Current power MOSFET makes this converter highly
power efficiently. Selectable high switching frequency
allows faster loop response and easy filtering with a
low noise output. The non-inverting input and its error
amplifier is connected to an internal 800mV precision
reference voltage.
Order Information
LP78071
□ □
□
F: Pb-Free
Package Type
SP: ESOP-8
QV:TDFN-10
Features
Charger:
Programmable Charge Current Up to 1000mA
No MOSFET, Sense Resistor or Blocking
Diode Required
Constant-Current/Constant-Voltage Operation
with Thermal Regulation to Maximize Charge
Rate Without Risk of Overheating
Charges Single Cell Li-Ion Batteries Directly
from USB Port
8µA Supply Current in Shutdown
Drainage Charge Current Thermal Regulation
Status Outputs for LED or System Interface
Boost:
1.5A Output Current Synchronous Boost
Converter
600KHz fixed frequency switching
High Switch On Current: 3A
Low RDS(ON) Integrated Power Mosfet
Efficiency is 94%
Built-in OVP, OTP, OCP, Soft-Star
Consumption Available in ESOP-8 Package
RoHS Compliant and 100% Lead (Pb)-Free
Marking Information
Applications
MID/Pad
Power Bank
Smart Phone
Bluetooth Applications
Device
Marking Package
Shipping
LP78071SPF
LP78071QVF
SP:ESOP-8
QV:TDFN10
3K/REEL


Similar Part No. - LP78071

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP78070 POWER-LP78070 Datasheet
562Kb / 7P
800mA
LP78070F POWER-LP78070F Datasheet
569Kb / 8P
800mA
LP78073 POWER-LP78073 Datasheet
371Kb / 9P
Fixed Charge Current 700mA
LP78073A POWER-LP78073A Datasheet
610Kb / 10P
1A Charge 2.7A Synchronous Boost PMIC
More results

Similar Description - LP78071

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLD-Z AIMTEC-AMLD-Z Datasheet
434Kb / 13P
Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_1 Datasheet
353Kb / 14P
Up to 1000mA | LED Driver
AMLDLW-Z AIMTEC-AMLDLW-Z_13 Datasheet
386Kb / 12P
Up to 1000mA | LED Driver
logo
Lowpower Semiconductor ...
LP4060 POWER-LP4060 Datasheet
794Kb / 13P
Programmable Charge Current Up to 800mA
LP28012 POWER-LP28012 Datasheet
340Kb / 10P
Programmable Charge Current Up to 1200mA
LP28056 POWER-LP28056 Datasheet
477Kb / 9P
Programmable Charge Current Up to 1200mA
LP28400 POWER-LP28400 Datasheet
1Mb / 17P
Programmable Charge Current Up to 3000mA
LP78090 POWER-LP78090 Datasheet
655Kb / 10P
Programmable Charge Current Up to 1000mA
LP78092 POWER-LP78092 Datasheet
451Kb / 10P
Programmable Charge Current Up to 1000mA
logo
Advanced Monolithic Sys...
TC4056A ADMOS-TC4056A Datasheet
1Mb / 18P
Up 1000mA Programmable charge current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com