Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78071 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP78071
Description  Programmable Charge Current Up to 1000mA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78071 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP78071 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 8Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary Datasheet
LP78071
LP78071 – 00 Version 1.0 Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com Page 3 of 16
Pin Description
TDFN-10
ESOP8
PIN
DESCRIPTION
1
1
FB
Boost Feedback pin. The pin voltage is 0.8V.
2
2
LX
Boost Output switching node. SW is the drain of the internal low-side N-Channel MOSFET
and high-side P-Channel MOSFET. Connect the inductor to SW to Complete the step-up
converter.
3
3
CHRG_B
Open-Drain Charge Status Output. When the battery is charging, the STAT pin is pulled low
by an internal N-channel MOSFET. When the charge cycle is completed, the pin is pulled
High.
4
CE
Charge enable pin.
5
4
ISET
Charge Current Program, Charge Current Monitor and Shutdown Pin. The charge current is
programmed by connecting a 1% resistor(R
PROG)to ground. When charging in constant-current
mode, this pin servos to 2V. In all modes, the voltage on this pin can be used to measure the
charge current using the following formula.LP78071: Iset=1000/Rprog.
6,11
9
GND
Ground Pin.
7
5
Vin
VIN is the input power source. Connect to a wall adapter.
8
6
BAT
BAT is the connection to the battery. Typically a 10µF Tantalum capacitor is needed for
stability when there is no battery attached. When a battery is attached, only a 0.1µF ceramic
capacitor is required.
9
7
VOUT
Open-Drain Charge Status Output. When the battery is charging, the STAT pin is pulled High
by an internal N-channel MOSFET. When the charge cycle is completed, the pin is pulled Low.
10
8
EN
Boost enable pin. Active High.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com